Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 148 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 148 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 149Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 150Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 151Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 152Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
148
Rev 5
Parameter
Condition
Min
Typ
Max
Unit
LCD_DAC Error. VLCD-VLCDnom
DAC=12, no Boost
V3P3 = 3.6 V
V3P3 = 3.0 V
VBAT = 4.0 V, V3P3 = 0 V, BRN Mode
VBAT = 2.5 V, V3P3 = 0 V, BRN Mode
LCD_VMODE[1:0] = 1,
LCD_DAC[4:0] = C,
LCD_CLK[1:0]=2,
LCD_MODE[2:0]=6
-0.5
-1.1
-0.15
2
-1.5
2
0.15
2
V
V
V
V
LCD_DAC Error. VLCD-VLCDnom
Zero Scale, no Boost
V3P3 = 3.6 V
V3P3 = 3.0 V
VBAT = 4.0 V, V3P3 = 0 V, BRN Mode
VBAT = 2.5 V, V3P3 = 0 V, BRN Mode
LCD_VMODE[1:0] = 1,
LCD_DAC[4:0] = 0,
LCD_CLK[1:0]=2,
LCD_MODE[2:0]=6
-0.15
-0.15
-0.15
-0.45
0.15
0.15
0.15
0.15
V
V
V
V
LCD_DAC Error. VLCD-VLCDnom
Full Scale, with Boost, LCD mode
VBAT = 4.0 V, V3P3 = 0 V
VBAT = 2.5 V, V3P3 = 0 V
LCD_VMODE[1:0] = 2,
LCD_DAC[4:0] = 1F,
LCD_CLK[1:0]=2,
LCD_MODE[2:0]=6
-0.15
-1.3
0.15
V
V
Notes:
1.
The following test conditions also apply to all parameters provided in this table: bypass capacitor CVLCD ≥
0.1 µF, test load RVLCD = 500 k
Ω, no display, all SEGDIO pins configured as DIO.
2.
Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com