Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 145 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 145 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 141Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 142Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 149Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
145
6.4.9
2.5 V Voltage Regulator – Battery Power
Unless otherwise specified, V3P3SYS = V3P3A = 0, PB=GND (BRN).
Table 104: Low-Power Voltage Regulator Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
V2P5
VBAT = 3.0 V - 3.8 V,
V3P3 = 0 V, ILOAD = 0 mA
2.55
2.65
2.75
V
V2P5 load regulation
VBAT = 3.3 V, V3P3 = 0 V,
ILOAD = 0 mA to 1 mA
40
mV
Voltage Overhead 2V − VBAT-VDD
ILOAD = 0ma, VBAT = 2.0 V,
V3P3 = 0 V.
200
mV
6.4.10 Crystal Oscillator
Measurement conditions: Crystal disconnected, test load of 200 pF/100 k
Ω between XOUT and GNDD.
Table 105: Crystal Oscillator Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
Maximum Output Power to Crystal
Crystal connected, see note 1
1
μW
XIN to XOUT Capacitance
(see note 1)
3
pF
Capacitance change on XOUT
RTCA_ADJ = 7F to 0,
Bias voltage = unbiased
Vpp = 0.1 V
15
pF
Notes:
1.
Guaranteed by design; not production tested.
6.4.11 Phase-Locked Loop (PLL)
Table 106: PLL Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
PLL Power up Settling Time
(see note 1)
PLL_FAST = 0, V3P3 = 0 V to 3.3 V
step, measured from first edge of
MCK
5
ms
PLL_FAST settling time
PLL_FAST rise (see note 1)
PLL_FAST fall (see note 1)
V3P3 = 0 V, VBAT = 3.8 V to 2.0 V
5
5
ms
ms
PLL SLP to MSN Settling Time
(see note 2)
PLL_FAST = 0
5
ms
PLL power up overshoot
(see note 1)
PLL_FAST = 0
2.5
MHz
Notes:
1.
Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com