Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 149 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 149 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 149Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 150Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 151Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 152Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 153Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
149
6.4.14 VREF
Table 109 shows the performance specifications for the ADC reference voltage (VREF).
Table 109: VREF Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
VREF output voltage,
VREF(22)
TA = 22 ºC
1.193
1.195
1.197
V
VREF output voltage,
VREF(22)
PLL_FAST=0
1.195
V
VREF output impedance
VREF_CAL = 1,
ILOAD = 10 µA, -10 µA
3.2
kΩ
VREF power supply sensitivity
ΔVREF / ΔV3P3A
V3P3A = 3.0 to 3.6 V
-1.5
1.5
mV/V
VREF input impedance
VREF_DIS = 1,
VREF = 1.3 V to 1.7 V
100
kΩ
VREF chop step, trimmed
VREF(CHOP=01) −
VREF(CHOP=10)
-10
0
10
mV
VNOM definition (see note 2)
2
)
22
(
1
)
22
(
)
22
(
)
(
2 TC
T
TC
T
VREF
T
VNOM
−
+
−
+
=
V
VNOM temperature
coefficients:
TC1 =
TC2 =
TRIMT
⋅
− 95
.
4
275
TRIMT
⋅
−
−
00028
.
0
557
.
0
µV/°C
µV/°C
2
VREF(T) deviation from
VNOM(T) (see note 1):
62
10
)
(
)
(
)
(
6
T
VNOM
T
VNOM
T
VREF
−
-40
+40
ppm/°C
VREF aging
±25
ppm/
year
Notes:
1.
Guaranteed by design; not production tested.
2.
This relationship describes the nominal behavior of VREF at different temperatures, as governed by a
second order polynomial of 1
st and 2nd order coefficients TC1 and TC2.
3.
For the parameters in this table, unless otherwise specified, VREF_DIS = 0, PLL_FAST=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com