Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 152 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 152 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 149Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 150Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 151Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 152Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 153Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 154Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 155Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 156Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
152
Rev 5
6.5
Timing Specifications
6.5.1
Flash Memory
Table 112: Flash Memory Timing Specifications
Parameter
Condition
Min
Typ
Max
Unit
Flash write cycles
-40 °C to +85 °C
20,000
Cycles
Flash data retention
25 °C
85 °C
100
10
Years
Flash byte writes between page or
mass erase operations
2
Cycles
Write Time per Byte
21
µs
Page Erase (1024 bytes)
21
ms
Mass Erase
21
Ms
6.5.2
SPI Slave
Table 113. SPI Slave Timing Specifications
Parameter
Condition
Min
Typ
Max
Unit
SPI Setup Time
SPI_DI to SPI_CK rise
10
ns
SPI Hold Time
SPI_CK rise to SPI_DI
10
ns
SPI Output Delay
SPI_CK fall to SPI_D0
40
ns
SPI Recovery Time
SPI_CSZ fall to SPI_CK
10
ns
SPI Removal Time
SPI_CK to SPI_CSZ rise
15
ns
SPI Clock High
40
ns
SPI Clock Low
40
ns
SPI Clock Freq
SPI Freq/MPU Freq
2.0
MHz/MHz
SPI Transaction Space
SPI_CSZ rise to SPI_CSZ fall
4.5
MPU Cycles
6.5.3
EEPROM Interface
Table 114: EEPROM Interface Timing
Parameter
Condition
Min
Typ
Max
Unit
Write Clock frequency (I
2C)
CKMPU = 4.9 MHz,
Using interrupts
310
kHz
CKMPU = 4.9 MHz,
bit-banging DIO2/3
PLL_FAST = 0
100
kHz
Write Clock frequency (3-wire)
CKMPU = 4.9 MHz
PLL_FAST = 0
PLL_FAST = 1
160
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com