Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 150 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 150 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 149Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 150Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 151Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 152Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 153Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 154Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
150
Rev 5
6.4.15 ADC Converter
Table 110. ADC Converter Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
Recommended Input Range
(Vin - V3P3A)
-250
250
mV
peak
Voltage to Current Crosstalk
)
cos(
*
10
6
Vcrosstalk
Vin
Vin
Vcrosstalk
∠
−
∠
(see note 1)
Vin = 200 mV peak,
65 Hz, on VADC10 (VA)
or VADC9 (VB)†
†71M6542F/G only.
Vcrosstalk = largest
measurement on IAP-IAN
or IBP-IBN
-10
10
μV/V
Input Impedance, no pre-amp
Vin=65 Hz
40
90
kΩ
A
DC Gain Error vs %Power Supply
Variation
3
.
3
/
3
3
100
/
357
10
6
A
P
V
V
nV
Nout
IN
PK
D
D
Vin=200 mV pk, 65 Hz
V3P3A=3.0 V, 3.6 V
50
ppm / %
Input Offset
IADC0=IADC1=V3P3A
IADC0=V3P3A
DIFF0_E=1, PRE_E=0
DIFF0_E=0, PRE_E=0
-10
-10
10
10
mV
mV
THD @ 250mVpk
Name
FIR_LEN
ADC_DIV
PLL_FAST
MUX_DIV
A
0
0
0
3
B
1
0
0
2
C
0
0
1
11
D
1
0
1
6
E
2
0
1
4
F
0
1
0
2
G
0
1
1
6
H
1
1
1
3
J
2
1
1
2
VIN = 65Hz, 250mVpk,
64kpts FFT, Blackman Harris
Window.
A
B
-82
C
D
-84
E
F
-83
G
H
-86
J
A
-75
B
-75
C
-75
D
-75
E
-75
F
-75
G
-75
H
-75
J
-75
dB
THD @ 20mVpk
Name
FIR_LEN
ADC_DIV
PLL_FAST
MUX_DIV
A
0
0
0
3
B
1
0
0
2
C
0
0
1
11
D
1
0
1
6
E
2
0
1
4
F
0
1
0
2
G
0
1
1
6
H
1
1
1
3
J
2
1
1
2
VIN = 65Hz, 20mVpk,
64kpts FFT, Blackman Harris
Window.
A
-85
B
-91
C
-85
D
-91
E
-93
F
-85
G
-85
H
-91
J
-93
dB
LSB Size:
Name
FIR_LEN
ADC_DIV
PLL_FAST
MUX_DIV
A
0
0
0
3
B
1
0
0
2
C
0
0
1
11
D
1
0
1
6
E
2
0
1
4
F
0
1
0
2
G
0
1
1
6
H
1
1
1
3
J
2
1
1
2
Vin=65Hz, 20mVpk,
64kpts FFT, Blackman-
Harris window
A
3470
B
406
C
3040
D
357
E
151
F
3470
G
3040
H
357
J
151
nV
Digital Full-Scale:
Name
FIR_LEN
ADC_DIV
PLL_FAST
MUX_DIV
A
0
0
0
3
B
1
0
0
2
C
0
0
1
11
D
1
0
1
6
E
2
0
1
4
F
0
1
0
2
G
0
1
1
6
H
1
1
1
3
J
2
1
1
2
A: ±91125
B: ±778688
C: ±103823
D: ±884736
E: ±2097152
F: ±91125
G: ±103823
H: ±884736
J: ±2097152
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com