Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 141 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 141 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 137Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 138Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 139Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 140Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 141Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 142Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
141
6.4
Performance Specifications
6.4.1
Input Logic Levels
Table 96: Input Logic Levels
Parameter
Condition
Min
Typ
Max
Unit
Digital high-level input voltage
1, V
IH
2
V
Digital low-level input voltage
1, V
IL
0.8
V
Input pullup current, IIL
E_RXTX, E_RST, E_TCLK
OPT_RX, OPT_TX
SPI_CSZ (SEGDIO36)
Other digital inputs
VIN=0 V,
ICE_E=3.3 V
10
10
10
-1
0
100
100
10
1
µA
µA
µΩ
µA
Input pull down current, IIH
ICE_E, RESET, TEST
Other digital inputs
VIN=V3P3D
10
-1
0
100
1
µA
µA
Note:
1.
In battery powered modes, digital inputs should be below 0.1 V or above VBAT – 0.1 V to
minimize battery current.
6.4.2
Output Logic Levels
Table 97: Output Logic Levels
Parameter
Condition
Min
Typ
Max
Unit
Digital high-level output voltage
VOH
ILOAD = 1 mA
V3P3D–0.4
V
ILOAD = 15 mA
(see notes 1, 2)
V3P3D-0.6
V
Digital low-level output voltage
VOL
ILOAD = 1 mA
0
0.4
V
ILOAD = 15 mA
(see note 1)
0
0.8
V
Note:
1.
Guaranteed by design, not production tested.
2.
Caution: The sum of all pull up currents must be compatible with the on-resistance of the
internal V3P3D switch. See 6.4.6 V3P3D Switch on page 144.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com