Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 144 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 144 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 140Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 141Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 142Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
144
Rev 5
6.4.6
V3P3D Switch
Table 101: V3P3D Switch Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
On resistance – V3P3SYS to V3P3D
| IV3P3D |
≤ 1 mA
10
Ω
On resistance – VBAT to V3P3D
| IV3P3D |
≤ 1 mA,
VBAT>2.5V
10
Ω
V3P3D IOH, MSN
V3P3SYS = 3V
V3P3D = 2.9V
10
mA
V3P3D IOH, BRN
VBAT = 2.6V
V3P3D = 2.5V
10
mA
6.4.7
Internal Power Fault Comparators
Table 102. Internal Power Fault Comparator Specifications
Parameter
Condition
Min
Typ
Max
Unit
Overall response time
100mV overdrive, falling
100mV overdrive, rising
20
200
200
µs
µs
Falling Threshold
3.0 V Comparator
2.8 V Comparator
Difference 3.0V and 2.8V Comparators
V3P3 falling
2.83
2.75
50
2.93
2.81
136
3.03
2.87
220
V
V
mV
Falling Threshold
2.25 V Comparator
2.0 V Comparator
VDD (@VBAT=3.0V) – 2.25V Comparator
Difference 2.25V and 2.0V Comparators
VDD falling
2.2
1.90
0.25
0.15
2.25
2.00
0.35
0.25
2.5
2.20
0.45
0.35
V
V
V
V
Hysteresis,
(Rising Threshold - Falling Threshold)
3.0 V Comparator
2.8 V Comparator
2.25 V Comparator
2.0 V Comparator
TA = 22 °C
22
25
10
10
45
42
33
28
65
60
60
60
mV
mV
mV
mV
6.4.8
2.5 V Voltage Regulator – System Power
Table 103: 2.5 V Voltage Regulator Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
V2P5
V3P3 = 3.0 V - 3.8 V
ILOAD = 0 mA
2.55
2.65
2.75
V
V2P5 load regulation
VBAT = 3.3 V , V3P3 = 0 V
ILOAD = 0 mA to 1 mA
40
mV
Voltage overhead V3P3SYS-V2P5
ILOAD = 5 mA,
Reduce V3P3D until V2P5
drops 200 mV
440
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com