Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 111 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 111 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 107Page - SONiX Technology Company SN8F5708 Datasheet HTML 108Page - SONiX Technology Company SN8F5708 Datasheet HTML 109Page - SONiX Technology Company SN8F5708 Datasheet HTML 110Page - SONiX Technology Company SN8F5708 Datasheet HTML 111Page - SONiX Technology Company SN8F5708 Datasheet HTML 112Page - SONiX Technology Company SN8F5708 Datasheet HTML 113Page - SONiX Technology Company SN8F5708 Datasheet HTML 114Page - SONiX Technology Company SN8F5708 Datasheet HTML 115Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Comparator
Datasheet Rev. 2.4
111
17 Comparator
The microcontroller builds in two comparator functions. When the positive input voltage is greater
than the negative input voltage, the comparator output is high. When the positive input voltage is
smaller than the negative input voltage, the comparator output is low. Comparator positive voltage
is from internal 2V/3V/4V or CMnP. There is a programmable direction function to decide
comparator trigger edge for indicator function. The comparator has flag indicator, interrupt
function and IDLE Mode weak-up function for different application.
CMnO Pin
CMnG[1:0]
CMnOUT flag
CMnF
+
-
Vdd
Vss
V+
V-
CMnP Pin
CMnN Pin
CMnEN/
CMnOEN
CMnEN
Internal reference
voltage source
00=2V
01=3V
10=4V
CMnS[1:0]
11
M
U
X
17.1
Configurations of Operation
The Comparator pins are shared with GPIO controlled by CMnEN bit. When CMnEN=1,
CMnN/CMnP pin is enabled connected to Comparator negative terminal. CMnOEN controls
Comparator output connected to GPIO or not. When CMnOEN=1, Comparator output terminal is
connected to GPIO pins and isolate GPIO function.
The internal reference has three steps including 2V/3V/4V controlled by CMnS[1:0] bits.
Comparator pins configuration table is as following.
Comparator
N0.
CMnEN
Comparator
Negative
Pin
Comparator Positive Pin
(CMnS[1:0])
Comparator Output Pin
(CMnOEN)
00
01
10
11
0
1
CMP0
CM0EN=0
All pins are GPIO mode. Comparator is disabled.
CM0EN=1
CM0N
2V
3V
4V
CM0P
GPIO
CM0O
CMP1
CM1EN=0
All pins are GPIO mode. Comparator is disabled.
CM1EN=1
CM1N
2V
3V
4V
CM1P
GPIO
CM1O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com