Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 113 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 113 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 109Page - SONiX Technology Company SN8F5708 Datasheet HTML 110Page - SONiX Technology Company SN8F5708 Datasheet HTML 111Page - SONiX Technology Company SN8F5708 Datasheet HTML 112Page - SONiX Technology Company SN8F5708 Datasheet HTML 113Page - SONiX Technology Company SN8F5708 Datasheet HTML 114Page - SONiX Technology Company SN8F5708 Datasheet HTML 115Page - SONiX Technology Company SN8F5708 Datasheet HTML 116Page - SONiX Technology Company SN8F5708 Datasheet HTML 117Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Comparator
Datasheet Rev. 2.4
113
17.4
Comparator Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMP0M
CM0EN
-
CM0S1
CM0S0
CM0OEN CM0OUT
CM0G1
CM0G0
CMP1M
CM1EN
-
CM1S1
CM1S0
CM1OEN CM1OUT
CM1G1
CM1G0
CMPT
-
-
-
-
CM1T1
CM1T0
CM0T1
CM0T0
P3CON
P3CON7
P3CON6
P3CON5
P3CON4
P3CON3
P3CON2
P3CON1
P3CON0
P2CON
P2CON7
P2CON6
P2CON5
P2CON4
-
-
-
-
IEN2
-
-
ECMP1
ECMP0
EADC
EPWM3
EPWM2
-
IRCON2
-
-
-
CMP1F
CMP0F
ADCF
PWM3F
PWM2F
CMP0M Register (0x9C)
Bit
Field
Type
Initial
Description
7
CM0EN
R/W
0
Comparator 0 control bit.
0: Disable. CM0P/CM0N pins are GPIO mode.
1: Enable. CM0P/CM0N pins are CMP input pins.
5..4
CM0S[1:0]
R/W
00
CMP0 positive input voltage control bit.
00: 2.0V
01: 3.0V
10: 4.0V
11: CM0P
3
CM0OEN
R/W
0
Comparator 0 output pin control bit.
0: Disable. CM0O is GPIO mode.
1: Enable. CM0O is comparator output pin and isolate
GPIO function.
2
CM0OUT
R
0
Comparator 0 output flag bit.
0: CM0P voltage is less than CM0N voltage.
1: CM0P voltage is larger than CM0N voltage.
1..0
CM0G[1:0]
R/W
00
Comparator interrupt trigger direction control bit.
00: Reserved.
01: Rising edge trigger. CM0P > CM0N.
10: Falling edge trigger. CM0P < CM0N.
11: Both rising and falling edge trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com