Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 114 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 114 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 110Page - SONiX Technology Company SN8F5708 Datasheet HTML 111Page - SONiX Technology Company SN8F5708 Datasheet HTML 112Page - SONiX Technology Company SN8F5708 Datasheet HTML 113Page - SONiX Technology Company SN8F5708 Datasheet HTML 114Page - SONiX Technology Company SN8F5708 Datasheet HTML 115Page - SONiX Technology Company SN8F5708 Datasheet HTML 116Page - SONiX Technology Company SN8F5708 Datasheet HTML 117Page - SONiX Technology Company SN8F5708 Datasheet HTML 118Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Comparator
Datasheet Rev. 2.4
114
CMP1M Register (0x9D)
Bit
Field
Type
Initial
Description
7
CM1EN
R/W
0
Comparator 1 control bit.
0: Disable. CM1P/CM1N pins are GPIO mode.
1: Enable. CM1P/CM1N pins are CMP input pins.
5..4
CM1S[1:0]
R/W
00
CMP1 positive input voltage control bit.
00: 2.0V
01: 3.0V
10: 4.0V
11: CM1P
3
CM1OEN
R/W
0
Comparator 1 output pin control bit.
0: Disable. CM1O is GPIO mode.
1: Enable. CM1O is comparator output pin and isolate
GPIO function.
2
CM1OUT
R
0
Comparator 1 output flag bit.
0: CM1P voltage is less than CM1N voltage.
1: CM1P voltage is larger than CM1N voltage.
1..0
CM1G[1:0]
R/W
00
Comparator interrupt trigger direction control bit.
00: Reserved.
01: Rising edge trigger. CM1P > CM1N.
10: Falling edge trigger. CM1P < CM1N.
11: Both rising and falling edge trigger (Level change
trigger).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com