Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 115 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 115 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 111Page - SONiX Technology Company SN8F5708 Datasheet HTML 112Page - SONiX Technology Company SN8F5708 Datasheet HTML 113Page - SONiX Technology Company SN8F5708 Datasheet HTML 114Page - SONiX Technology Company SN8F5708 Datasheet HTML 115Page - SONiX Technology Company SN8F5708 Datasheet HTML 116Page - SONiX Technology Company SN8F5708 Datasheet HTML 117Page - SONiX Technology Company SN8F5708 Datasheet HTML 118Page - SONiX Technology Company SN8F5708 Datasheet HTML 119Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Comparator
Datasheet Rev. 2.4
115
CMPT Register (0xCE)
Bit
Field
Type
Initial
Description
3..2
CM1T[1:0]
R/W
00
CMP1 with PWM trigger select bits.
00: CMP1 with PWM output is not related.
01: CMP1F = 1  PWM stop
10: CM1P > CM1N  PWM output; CM1P < CM1N 
PWM stop
11: CM1P < CM1N  PWM output; CM1P > CM1N 
PWM stop
1..0
CM0T[1:0]
R/W
00
CMP0 with PWM trigger select bits.
00: CMP0 with PWM output is not related.
01: CMP0F = 1  PWM stop
10: CM0P > CM0N  PWM output; CM0P < CM0N 
PWM stop
11: CM0P < CM0N  PWM output; CM0P > CM0N 
PWM stop
P3CON Register (0x9F)
Bit
Field
Type
Initial
Description
7..6
P3CON[7:6]
R/W
0x00
P3 configuration control bit*.
0: P3 can be analog input pin (CMP input pin) or digital
GPIO pin.
1: P3 is pure analog input pin and can’t be a digital GPIO
pin.
5..0
Refer to other chapter(s)
* P3CON [7:6] will configure related Port3 pin as pure analog input pin to avoid current leakage.
P2CON Register (0x9E)
Bit
Field
Type
Initial
Description
6..5
P2CON[6:5]
R/W
0x0
P2 configuration control bit
*.
0: P2 can be analog input pin (CMP input pin) or digital
GPIO pin.
1: P2 is pure analog input pin and can’t be a digital GPIO
pin.
Else
Refer to other chapter(s)
* P2CON [6:5] will configure related Port2 pin as pure analog input pin to avoid current leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com