Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 119 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 119 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 115Page - SONiX Technology Company SN8F5708 Datasheet HTML 116Page - SONiX Technology Company SN8F5708 Datasheet HTML 117Page - SONiX Technology Company SN8F5708 Datasheet HTML 118Page - SONiX Technology Company SN8F5708 Datasheet HTML 119Page - SONiX Technology Company SN8F5708 Datasheet HTML 120Page - SONiX Technology Company SN8F5708 Datasheet HTML 121Page - SONiX Technology Company SN8F5708 Datasheet HTML 122Page - SONiX Technology Company SN8F5708 Datasheet HTML 123Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
OPA
Datasheet Rev. 2.4
119
18.2
OPA Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OPM
PW3CM1 PW3CM0 PW2CM1 PW2CM0 PW1CM1 PW1CM0
OP1EN
OP0EN
P3CON
P3CON7
P3CON6
P3CON5
P3CON4
P3CON3
P3CON2
P3CON1 P3CON0
OPM Register (0x9B)
Bit
Field
Type
Initial
Description
7..2
Refer to other chapter(s)
1
OP1EN
R/W
0
OP-Amp 1 enable bit.
0: Disable. OP-Amp 1 disable, OP1O/OP1P/OP1N pins
are GPIO mode.
1: Enable. OP-Amp 1 enables, OP1O/OP1P/OP1N pins
are OP-Amp 1 input and output pins.
0
OP0EN
R/W
0
OP-Amp 0 enable bit.
0: Disable. OP-Amp 0 disable, OP0O/OP0P/OP0N pins
are GPIO mode.
1: Enable. OP-Amp 0 enables, OP0O/OP0P/OP0N pins
are OP-Amp 0 input and output pins.
P3CON Register (0x9F)
Bit
Field
Type
Initial
Description
7..6
Refer to other chapter(s)
5..0
P3CON[5:0]
R/W
0x00
P3 configuration control bit*.
0: P3 can be analog input pin (OP input pin) or digital
GPIO pin.
1: P3 is pure analog input pin and can’t be a digital GPIO
pin.
* P3CON [7:0] will configure related Port3 pin as pure analog input pin to avoid current leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com