Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 123 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 123 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 119Page - SONiX Technology Company SN8F5708 Datasheet HTML 120Page - SONiX Technology Company SN8F5708 Datasheet HTML 121Page - SONiX Technology Company SN8F5708 Datasheet HTML 122Page - SONiX Technology Company SN8F5708 Datasheet HTML 123Page - SONiX Technology Company SN8F5708 Datasheet HTML 124Page - SONiX Technology Company SN8F5708 Datasheet HTML 125Page - SONiX Technology Company SN8F5708 Datasheet HTML 126Page - SONiX Technology Company SN8F5708 Datasheet HTML 127Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
123
CHS[4:0]
Channel
Pin name
Remark
00000
AIN0
P4.0
-
00001
AIN1
P4.1
-
00010
AIN2
P4.2
-
00011
AIN3
P4.3
-
00100
AIN4
P4.4
-
00101
AIN5
P4.5
-
00110
AIN6
P4.6
-
00111
AIN7
P4.7
-
01000
AIN8
P5.0
-
01001
AIN9
P5.1
-
01010
AIN10
P5.2
-
01011
AIN11
P5.3
-
01100 – 10111
-
-
Reserved
11000
AIN12
OP0
OP0-AMP output terminal
11001
AIN13
OP1
OP1-AMP output terminal
11010
AIN14
Internal 2V or 3V or 4V
Battery detector channel
11011 – 11111
-
-
No connection
19.2.1 Pin Configuration
ADC input channels are shared with Port2, Port3, Port4 and Port5. ADC channel selection is
through CHS[4:0] bit. Only one pin of Port2, Port3, Port4 and Port5 can be configured as ADC input
in the same time. The pins of Port2, Port3, Port4 and Port5 configured as ADC input channel must
be set input mode, disable internal pull-up and enable P2CON/P3CON/P4CON/P5CON first by
program. After selecting ADC input channel through CHS[4:0], set GCHS bit as “1” to enable ADC
channel function.
ADC input pins are shared with digital I/O pins. Connect an analog signal to CMOS digital input pin,
especially, the analog signal level is about 1/2 VDD will cause extra current leakage. In the power
down mode, the above leakage current will be a big problem. Unfortunately, if users connect more
than one analog input signal to Port2, Port3, Port4 or Port5 will encounter above current leakage
situation. Write “1” into PnCON register will configure related pin as pure analog input pin to avoid
current leakage.
Note that When ADC pin is general I/O mode, the bit of P2CON, P3CON, P4CON and P5CON must
be set to “0”, or the digital I/O signal would be isolated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com