Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 124 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 124 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 120Page - SONiX Technology Company SN8F5708 Datasheet HTML 121Page - SONiX Technology Company SN8F5708 Datasheet HTML 122Page - SONiX Technology Company SN8F5708 Datasheet HTML 123Page - SONiX Technology Company SN8F5708 Datasheet HTML 124Page - SONiX Technology Company SN8F5708 Datasheet HTML 125Page - SONiX Technology Company SN8F5708 Datasheet HTML 126Page - SONiX Technology Company SN8F5708 Datasheet HTML 127Page - SONiX Technology Company SN8F5708 Datasheet HTML 128Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
124
19.3
Reference Voltage
The ADC builds in five high reference voltage source controlled through VREFH register. There are
one external voltage source and four internal voltage source (VDD, 4V, 3V, 2V). When EVHENB bit is
“1”, ADC reference voltage is external voltage source from AVREFH/P5.4. In the condition, P5.4
GPIO mode must be set as input mode and disable internal pull-up resistor. The ADC reference low
voltage includes two sources controlled by EVLENB bit. One is internal VSS (EVLENB =0), and the
other one is external reference voltage input pin from AVREFL/P5.5 (EVLENB=1). When the P5.5 be
ADC external low reference voltage input pin, P5.5 GPIO mode must be set as input mode and
disable internal pull-up resistor.
If EVHENB bit is “0”, ADC reference high voltage is from internal voltage source selected by VHS[1:0]
bits. If VHS[1:0] is “11”, ADC reference high voltage is VDD. If VHS[1:0] is “10”, ADC reference high
voltage is 4V. If VHS[1:0] is “01”, ADC reference high voltage is 3V. If VHS[1:0] is “00”, ADC reference
high voltage is 2V. The limitation of internal high reference voltage application is VDD can’t below
each of internal high voltage level, or the level is equal to VDD. If AIN14 channel is selected as
internal 2V or 3V or 4V input channel. There is no any input pin from outside. In this time ADC
reference high voltage must be internal VDD or External voltage, not internal 2V/3V/4V.
19.3.1 Signal Format
ADC sampling voltage range is limited by high/low reference voltage. The ADC low reference
voltage includes internal VSS and external reference voltage source from P5.5/AVREFL controlled
by EVLENB bit. The ADC high reference voltage includes internal VDD/4V/3V/2V and external
reference voltage source from P5.4/AVREFH pin controlled by EVHENB bit. ADC reference voltage
range limitation is “(ADC high reference voltage - low reference voltage) ≥ 2V”. So ADC high
reference voltage range is AVREFL+2V to VDD. The range is ADC external high reference voltage
range. ADC low reference voltage range is VSS to AVREFH-2V. The range is ADC external high
reference voltage range.
ADC Internal Low Reference Voltage = 0V. (EVLENB=0)
ADC External Low Reference Voltage = VSS to AVREFH-2V. (EVLENB=1)
ADC Internal High Reference Voltage = VDD/4V/3V/2V. (EVHENB=0)
ADC External High Reference Voltage = AVREFL+2V to VDD. (EVHENB=1)
ADC sampled input signal voltage must be from ADC low reference voltage to ADC high reference.
If the ADC input signal voltage is over the range, the ADC converting result is error (full scale or
zero).
ADC Low Reference Voltage ≤ ADC Sampled Input Voltage ≤ ADC High Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com