Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 125 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 125 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 121Page - SONiX Technology Company SN8F5708 Datasheet HTML 122Page - SONiX Technology Company SN8F5708 Datasheet HTML 123Page - SONiX Technology Company SN8F5708 Datasheet HTML 124Page - SONiX Technology Company SN8F5708 Datasheet HTML 125Page - SONiX Technology Company SN8F5708 Datasheet HTML 126Page - SONiX Technology Company SN8F5708 Datasheet HTML 127Page - SONiX Technology Company SN8F5708 Datasheet HTML 128Page - SONiX Technology Company SN8F5708 Datasheet HTML 129Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
125
19.4
Converting Time
The ADC converting time is from ADS=1 (Start to ADC convert) to EOC=1 (End of ADC convert). The
converting time duration is depend on ADC clock rate. 12-bit ADC’s converting time is
1/ (ADC clock /4)*16 sec. ADC clock source is fosc and includes fosc/1, fosc/2, fosc/8 and fosc/16
controlled by ADCKS[1:0] bits.
The ADC converting time affects ADC performance. If input high rate analog signal, it is necessary
to select a high ADC converting rate. If the ADC converting time is slower than analog signal
variation rate, the ADC result would be error. So to select a correct ADC clock rate to decide a right
ADC converting rate is very important.
12 bits ADC conversion time =
16
ADC clock rate/4
ADCKS[1:0]
ADC clock
rate
fosc = 16MHz
fosc = 32MHz
Converting time
Converting
rate
Converting time
Converting
rate
00
fosc/16
1/(16MHz/16/4)*16
= 64us
15.625kHz
1/(32MHz/16/4)*16
= 32us
31.25kHz
01
fosc/8
1/(16MHz/8/4)*16
= 32us
31.25kHz
1/(32MHz/8/4)*16
= 16us
62.5kHz
10
fosc
1/(16MHz/4)*16
= 4us
250kHz
1/(32MHz/4)*16
= 2us
500kHz
11
fosc/2
1/(16MHz/2/4)*16
= 8us
125kHz
1/(32MHz/2/4)*16
= 4us
250kHz
19.5
Data Buffer
ADC data buffer is 12-bit length to store ADC converter result. The high byte is ADB register, and
the low-nibble is ADR[3:0] bits. The ADB register is only 8-bit register including bit 4 – bit 11 ADC
data. To combine ADB register and the low-nibble of ADR will get full 12-bit ADC data buffer. The
ADC data buffer is a read-only register and the initial status is unknown after system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com