Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 129 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 129 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 125Page - SONiX Technology Company SN8F5708 Datasheet HTML 126Page - SONiX Technology Company SN8F5708 Datasheet HTML 127Page - SONiX Technology Company SN8F5708 Datasheet HTML 128Page - SONiX Technology Company SN8F5708 Datasheet HTML 129Page - SONiX Technology Company SN8F5708 Datasheet HTML 130Page - SONiX Technology Company SN8F5708 Datasheet HTML 131Page - SONiX Technology Company SN8F5708 Datasheet HTML 132Page - SONiX Technology Company SN8F5708 Datasheet HTML 133Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
129
VREFH Register (0xD5)
Bit
Field
Type
Initial
Description
7
EVHENB
R/W
0
ADC internal reference high voltage control bit.
0: Enable ADC internal VREFH function. AVREFH/P5.4 pin
is GPIO.
1: Disable ADC internal VREFH function. AVREFH/P5.4
pin is external AVREFH
*(1) input pin.
6
EVLENB
R/W
0
ADC internal reference low voltage control bit.
0: Enable ADC internal VREFL function. AVREFL/P5.5 pin
is GPIO.
1: Disable ADC internal VREFL function. AVREFL/P5.5 pin
is external AVREFL
*(2) input pin.
4
ADPWS
R/W
0
PWM trigger ADC start control bit.
0: Disable PWM trigger ADC start.
1: Enable PWM trigger ADC start.
2
VHS[2]
R/W
0
ADC internal reference high voltage select bit for AIN14.
0: ADC internal VREFH function is depend on
VHS[1:0]
*(3).
1: ADC internal VREFH function is internal VDD.
1..0
VHS[1:0]
R/W
00
ADC internal reference high voltage selects bits.
00: 2.0V
01: 3.0V
10: 4.0V
11: VDD
*(1) The AVREFH level must be between the VDD and AVREFL + 2.0V.
*(2) The AVREFL level must be between the VSS and AVREFH - 2.0V.
*(3) If AIN14 channel is selected as internal 2V or 3V or 4V input channel. There is no any input pin from outside. In
this time ADC reference high voltage must be internal VDD or External voltage, not internal 2V/3V/4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com