Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 130 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 130 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 126Page - SONiX Technology Company SN8F5708 Datasheet HTML 127Page - SONiX Technology Company SN8F5708 Datasheet HTML 128Page - SONiX Technology Company SN8F5708 Datasheet HTML 129Page - SONiX Technology Company SN8F5708 Datasheet HTML 130Page - SONiX Technology Company SN8F5708 Datasheet HTML 131Page - SONiX Technology Company SN8F5708 Datasheet HTML 132Page - SONiX Technology Company SN8F5708 Datasheet HTML 133Page - SONiX Technology Company SN8F5708 Datasheet HTML 134Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
130
P5CON Register (0xD7)
Bit
Field
Type
Initial
Description
5..0
P5CON[5:0]
R/W
0x00
P5 configuration control bit
*.
0: P5 can be analog input pin (ADC input pin) or digital
GPIO pin.
1: P5 is pure analog input pin and can’t be a digital GPIO
pin.
* P5CON [5:0] will configure related Port5 pin as pure analog input pin to avoid current leakage.
P4CON Register (0xD6)
Bit
Field
Type
Initial
Description
7..0
P4CON[7:0]
R/W
0x00
P4 configuration control bit
*.
0: P4 can be analog input pin (ADC input pin) or digital
GPIO pin.
1: P4 is pure analog input pin and can’t be a digital GPIO
pin.
* P4CON [7:0] will configure related Port4 pin as pure analog input pin to avoid current leakage.
P3CON Register (0x9F)
Bit
Field
Type
Initial
Description
7..0
P3CON[7:0]
R/W
0x00
P3 configuration control bit
*.
0: P3 can be analog input pin (ADC input pin) or digital
GPIO pin.
1: P3 is pure analog input pin and can’t be a digital GPIO
pin.
* P3CON [7:0] will configure related Port3 pin as pure analog input pin to avoid current leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com