Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 134 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 134 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 130Page - SONiX Technology Company SN8F5708 Datasheet HTML 131Page - SONiX Technology Company SN8F5708 Datasheet HTML 132Page - SONiX Technology Company SN8F5708 Datasheet HTML 133Page - SONiX Technology Company SN8F5708 Datasheet HTML 134Page - SONiX Technology Company SN8F5708 Datasheet HTML 135Page - SONiX Technology Company SN8F5708 Datasheet HTML 136Page - SONiX Technology Company SN8F5708 Datasheet HTML 137Page - SONiX Technology Company SN8F5708 Datasheet HTML 138Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
UART
Datasheet Rev. 2.4
134
20 UART
The UART provides a flexible full-duplex synchronous/asynchronous receiver/transmitter. The serial
interface provides an up to 0.25MHz flexible full-duplex transmission. It can operate in four modes
(one synchronous and three asynchronous). Mode0 is a shift register mode and operates as
synchronous transmitter/receiver. In Mode1-Mode3 the UART operates as asynchronous
transmitter/receiver with 8-bit or 9-bit data. The transfer format has start bit, 8-bit/ 9-bit data and
stop bit. Transmission is started by writing to the S0BUF register. After reception, input data are
available after completion of the reception in the S0BUF register. TB80/RB80 bit can be used as the
9th bit for transmission and reception in 9-bit UART mode. Programmable baud rate supports
different speed peripheral devices.
The UART features include the following:
Full-duplex, 2-wire synchronous/asynchronous data transfer.
Programmable baud rate.
8-bit shift register: operates as synchronous transmitter/receiver
8-bit / 9-bit UART: operates as asynchronous transmitter/receiver with 8 or 9-bit data bits and
programmable baud rate.
20.1
UART Operation
The UART UTX and URX pins are shared with GPIO. In synchronous mode, the UTX/URX shared pins
must set output high by software. In asynchronous mode (8-bit/9-bit UART), the UTX shared pins
must set output high and URX set input high by software. Thus, URX/UTX pins will transfers to
UART purpose. When UART disables, the UART pins returns to GPIO last status.
The UTX/URX pins also support open-drain structure. The open-drain option is controlled by PnOC
bit. When PnOC=0, disable UTX/URX open-drain structure. When PnOC=1, enable UTX/URX
open-drain structure. If enable open-drain structure, UTX/URX pin must set high level (IO mode
control will be ignored) and need external pull-up resistor.
The UART supports interrupt function. ES0 is UART0 transfer interrupt function control bit. UART
transmitter and receiver interrupt function is controlled by ES0. When ES0 = 0, disable
transmitter/receiver interrupt function. When ES0 = 1, enable UART transmitter/ receiver interrupt
function. UART transmitter and receiver interrupt function are share interrupt vector 0x0023.
When UART interrupt function enable, the program counter points to interrupt vector to do UART
interrupt service routine after UART operating. TI0/RI0 is UART0 interrupt request flag, and also to
be the UART operating status indicator when interrupt is disabled. TI0 and RI0 must clear by
software.
UART provides four operating mode (one synchronous and three asynchronous) controlled by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com