Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 135 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 135 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 131Page - SONiX Technology Company SN8F5708 Datasheet HTML 132Page - SONiX Technology Company SN8F5708 Datasheet HTML 133Page - SONiX Technology Company SN8F5708 Datasheet HTML 134Page - SONiX Technology Company SN8F5708 Datasheet HTML 135Page - SONiX Technology Company SN8F5708 Datasheet HTML 136Page - SONiX Technology Company SN8F5708 Datasheet HTML 137Page - SONiX Technology Company SN8F5708 Datasheet HTML 138Page - SONiX Technology Company SN8F5708 Datasheet HTML 139Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
UART
Datasheet Rev. 2.4
135
S0CON register. These modes can be support in different baud rate and communication protocols.
SM0 SM1 Mode Synchronization
Clock Rate
Start
Bit
Data
Bits
Stop
Bit
UART pins’ mode and
data
0
0
0
Synchronous
Fcpu/12
X
8
X
UTX pin:
P00M=1 and P00=1
URX pin:
Transmitter:
P01M=1 and P01=1
Receiver:
P01M=0 and P01=1
0
1
1
Asynchronous
Baud rate generator
or T1 overflow rate
1
8
1
UTX pin:
P00M=1 and P00=1
URX pin:
P01M=0
1
0
2
Asynchronous
Fcpu/64 or Fcpu/32
1
9
1
1
1
3
Asynchronous
Baud rate generator
or T1 overflow rate
1
9
1
20.2
Mode 0: Synchronous 8-bit Receiver/Transmitter
Mode0 is a shift register mode. It operates as synchronous transmitter/receiver. The UTX pin
output shift clock for both transmit and receive condition. The URX pin is used to transmit and
receive data. 8-bit data will be transmit and receive with LSB first. The baud rate is fcpu/12. Data
transmission is started by writing data to S0BUF register. In the end of the 8th bit transmission, the
TI0 flag is set. Data reception is controlled by REN0 bit and clearing RI0 bits. When REN0=1 and RI0
is from 1 to 0, data transmission starts and the RI0 flag is set at the end of the 8th bit reception.
20.3
Mode 1: 8-bit Receiver/Transmitter with Variable Baud Rate
Mode1 supports an asynchronous 8-bit UART with variable baud rate. The transfer format includes
1 start bit, 8 data bits (LSB first) and 1 stop bit. Data is transmitted by UTX pin and received by URX
pin. The baud rate clock source can be baud rate generator or T1 overflow controlled by BD bit.
When BD=0, the baud rate clock source is from T1 overflow. When BD=1, the baud rate clock
source is from baud rate generator controlled by S0RELH and S0RELL. Additionally, the baud rate
can be doubled by SMOD bit.
Data transmission is controlled by REN0 bit. After transmission configuration, load transmitted
data into S0BUF, and then UART starts to transmit the pocket. The TI0 flag is set at the beginning of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com