Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 138 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 138 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 134Page - SONiX Technology Company SN8F5708 Datasheet HTML 135Page - SONiX Technology Company SN8F5708 Datasheet HTML 136Page - SONiX Technology Company SN8F5708 Datasheet HTML 137Page - SONiX Technology Company SN8F5708 Datasheet HTML 138Page - SONiX Technology Company SN8F5708 Datasheet HTML 139Page - SONiX Technology Company SN8F5708 Datasheet HTML 140Page - SONiX Technology Company SN8F5708 Datasheet HTML 141Page - SONiX Technology Company SN8F5708 Datasheet HTML 142Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
UART
Datasheet Rev. 2.4
138
Table 20-1 Recommended Setting for Common UART Baud Rates (fcpu = 8 MHz)
Baud Rate
SMOD
S0RELH
S0RELL
Accuracy
4800
0
0x03
0xE6
0.16 %
9600
0
0x03
0xF3
0.16 %
19200
1
0x03
0xF3
0.16 %
38400
1
0x03
0xF9
-6.99 %
56000
1
0x03
0xFB
-10.71 %
57600
1
0x03
0xFC
8.51 %
115200
1
0x03
0xFE
8.51 %
128000
1
0x03
0xFE
-2.34 %
250000
1
0x03
0xFF
0 %
If the Timer 1 overflow period is selected (BD = 0) in mode 1 and 3, the baud rate is generated as
following equation. The Timer 1 must be in 8-bit auto-reload mode which can generate periodically
overflow signals.
Baud Rate = 2SMOD ×
1
32 × Timer 1 period
������������������
Table 20-2 Recommended Setting T1 overflow period (T1 clock=32M) for Common UART Baud Rates (fcpu = 8 MHz)
Baud Rate
SMOD
Timer Period
TH1/TL1
Accuracy
4800
0
6.510 us
0x30
0.16 %
9600
1
6.510 us
0x30
0.16 %
19200
1
3.255 us
0x98
0.16 %
38400
1
1.628 us
0xCC
0.16 %
56000
1
1.116 us
0xDC
-0.80 %
57600
1
1.085 us
0xDD
-0.80 %
115200
1
0.543 us
0xEF
2.08 %
128000
1
0.488 us
0xF0
-2.40 %
Note:
1. When baud rate generator source is T1 overflow rate, the max counter value is
0xFB. (Only supports 0x00~0xFB).
2. When baud rate generator source is T1 overflow rate, the system clock fcpu must
be greater four times to T1 overflow rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com