Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 140 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 140 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 136Page - SONiX Technology Company SN8F5708 Datasheet HTML 137Page - SONiX Technology Company SN8F5708 Datasheet HTML 138Page - SONiX Technology Company SN8F5708 Datasheet HTML 139Page - SONiX Technology Company SN8F5708 Datasheet HTML 140Page - SONiX Technology Company SN8F5708 Datasheet HTML 141Page - SONiX Technology Company SN8F5708 Datasheet HTML 142Page - SONiX Technology Company SN8F5708 Datasheet HTML 143Page - SONiX Technology Company SN8F5708 Datasheet HTML 144Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
UART
Datasheet Rev. 2.4
140
S0CON2 Register (0xD8)
Bit
Field
Type
Initial
Description
7
BD
R/W
0
Baud rate generators selection (mode 1, 3)
0: Timer 1 overflow period
1: Controlled by S0RELH, S0RELL registers
6..0
Reserved
R
0x00
S0BUF Register (0x99)
Bit
Field
Type
Initial
Description
7..0
S0BUF
R/W
0x00
Action of writing data triggers UART communication (LSB
first). Reception data is available to read by the end of
packages.
PCON Register (0x87)
Bit
Field
Type
Initial
Description
7
SMOD
R/W
0
UART baud rate control
In UART mode 0: Unused.
In UART mode 1, 3: The baud rate is generated as the
equation in section 20.7 (Baud Rate Control).
In UART mode 2:
0: fcpu/64
1: fcpu/32
6..0
Refer to other chapter(s)
S0RELH/S0RELL Registers (S0RELH: 0xBA, S0RELL: 0xAA)
Bit
Field
Type
Initial
Description
15..10 Reserved
R
0x00
9..0
S0REL[9:0]
R/W
0x00
S0RELH[1:0] & S0RELL[7:0]. UART Reload Register is used
for UART baud rate generation.
IEN0 Register (0xA8)
Bit
Field
Type
Initial
Description
7
EAL
R/W
0
Interrupts enable. Refer to Chapter Interrupt
4
ES0
R/W
0
Enable UART interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com