| Electronic Components Datasheet Search |
|
SN8F5708 Datasheet(PDF) 136 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8F5708 Datasheet(HTML) 136 Page - SONiX Technology Company |
|
136 / 204 page ![]() www.sonix.com.tw SN8F5708 Series Copyright © 2019, SONiX Technology Co., Ltd. UART Datasheet Rev. 2.4 136 the stop bit. Data reception is controlled by REN0 bit. When REN0=1, data reception function is enabled. Data reception starts by receiving the start bit for master terminal, URX detects the falling edge of start bit, and then the RI0 flag is set in the middle of a stop bit. Until reception completion, input data is stored in S0BUF register and the stop bit is stored in RB80. Start Stop bit0 bit1 bit2 bit3 bit4 bit5 bit6 bit7 20.4 Mode 2: 9-bit Receiver/Transmitter with Fixed Baud Rate Mode2 supports an asynchronous 9-bit UART with fixed baud rate. The transfer format includes 1 start bit, 9 data bits (LSB first) and 1 stop bit. Data is transmitted by UTX pin and received by URX pin. The baud rate clock source is fixed to fcpu/64 or fcpu/32 and is controlled by SMOD bit. When SMOD=0, baud rate is fcpu/64. When SMOD=1, baud rate is fcpu/32. Data transmission is controlled by REN0 bit. After transmission configuration, load transmitted data into S0BUF, and then UART starts to transmit the pocket. The 9th data bit is taken from TB80. The TI0 flag is set at the beginning of the stop bit. Data reception is controlled by REN0 bit. When REN0=1, data reception function is enabled. Data reception starts by receiving the start bit for master terminal, URX detects the falling edge of start bit, and then the RI0 flag is set in the middle of a stop bit. Until reception completion, lower 8-bit input data is stored in S0BUF register and the 9th bit is stored in RB80. Start Stop bit0 bit1 bit2 bit3 bit4 bit5 bit6 bit7 bit8 20.5 Mode 3: 9-bit Receiver/Transmitter with Variable Baud Rate Mode3 supports an asynchronous 9-bit UART with variable baud rate. The transfer format includes 1 start bit, 9 data bits (LSB first) and 1 stop bit. Data is transmitted by UTX pin and received by URX pin. The different between Mode2 and Mode3 is baud rate selection. In the Mode3, the baud rate clock source can be baud rate generator or T1 overflow controlled by BD bit. When BD=0, the baud rate clock source is from T1 overflow. When BD=0, the baud rate clock source is from baud rate generator controlled by S0RELH and S0RELL. Additionally, the baud rate can be doubled by SMOD bit. Data transmission is controlled by REN0 bit. After transmission configuration, load transmitted |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |