Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 137 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 137 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 133Page - SONiX Technology Company SN8F5708 Datasheet HTML 134Page - SONiX Technology Company SN8F5708 Datasheet HTML 135Page - SONiX Technology Company SN8F5708 Datasheet HTML 136Page - SONiX Technology Company SN8F5708 Datasheet HTML 137Page - SONiX Technology Company SN8F5708 Datasheet HTML 138Page - SONiX Technology Company SN8F5708 Datasheet HTML 139Page - SONiX Technology Company SN8F5708 Datasheet HTML 140Page - SONiX Technology Company SN8F5708 Datasheet HTML 141Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
UART
Datasheet Rev. 2.4
137
data into S0BUF, and then UART starts to transmit the pocket. The 9th data bit is taken from TB80.
The TI0 flag is set at the beginning of the stop bit.
Data reception is controlled by REN0 bit. When REN0=1, data reception function is enabled. Data
reception starts by receiving the start bit for master terminal, URX0 detects the falling edge of start
bit, and then the RI0 flag is set in the middle of a stop bit. Until reception completion, lower 8-bit
input data is stored in S0BUF register and the 9th bit is stored in RB80.
Start
Stop
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
bit8
20.6
Multiprocessor Communication
UART supports multiprocessor communication between a master device and one or more slaver
device in Mode2 and Mode3 (9-bit UART). The master identifies correct slavers by using the 9th
data bit. When the communication starts, the master transmits a specific address byte with the 9th
bit is set “1” to selected slavers, and then transmits a data byte with the 9th bit is set “0” in the
following transmission.
Multiprocessor communication is controlled by SM20 bit. When SM20=0, disable multiprocessor
communication. When SM20=1, enable multiprocessor communication. If SM20 is set, the UART
reception interrupt is only generated when the 9th received bit is “1” (RB80). The slavers will
compare received data with its own address data by software. If address byte is match, the slavers
clear SM20 bit to enable interrupt function in the following data transmission. The slavers with
unmatched address, their SM20 keep in “1” and will not generate interrupt in the following data
transmission.
20.7
Baud Rate Control
The UART mode 0 has a fixed baud rate at fcpu/12, and the mode 2 has two baud rate selection
which is chosen by SMOD register: fcpu/64 (SMOD = 0) and fcpu/32 (SMOD = 1).
The baud rate of UART mode 1 and mode 3 is generated by either S0RELH/S0RELL registers (BD = 1)
or Timer 1 overflow period (BD = 0). The SMOD bit doubles the frequency from the generator.
If the S0RELH/S0RELL is selected (BD = 1) in mode 1 and 3, the baud rate is generated as following
equation.
Baud Rate = 2SMOD ×
fcpu
64 × (1024 − S0REL)
������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com