Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 132 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 132 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 128Page - SONiX Technology Company SN8F5708 Datasheet HTML 129Page - SONiX Technology Company SN8F5708 Datasheet HTML 130Page - SONiX Technology Company SN8F5708 Datasheet HTML 131Page - SONiX Technology Company SN8F5708 Datasheet HTML 132Page - SONiX Technology Company SN8F5708 Datasheet HTML 133Page - SONiX Technology Company SN8F5708 Datasheet HTML 134Page - SONiX Technology Company SN8F5708 Datasheet HTML 135Page - SONiX Technology Company SN8F5708 Datasheet HTML 136Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
132
19.7
Sample Code
The following sample code demonstrates how to perform ADC to convert AIN5 with interrupt.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
#define ADCAIN14_VDD
(3 << 0) //AIN14 = VDD
#define ADCAIN14_4V
(2 << 0) //AIN14 = 4.0V
#define ADCAIN14_3V
(1 << 0) //AIN14 = 3.0V
#define ADCAIN14_2V
(0 << 0) //AIN14 = 2.0V
#define ADCInRefVDD
(1 << 2) //internal reference from VDD
#define ADCExLowRef
(1 << 6) //low reference from AVREFL/P5.5
#define ADCExHighRef
(1 << 7) //high reference from AVREFH/P5.4
#define ADCSpeedDiv16 (0 << 4) //ADC clock = fosc/16
#define ADCSpeedDiv8
(1 << 4) //ADC clock = fosc/8
#define ADCSpeedDiv1
(2 << 4) //ADC clock = fosc/1
#define ADCSpeedDiv2
(3 << 4) //ADC clock = fosc/2
#define ADCChannelEn
(1 << 6) //enable ADC channel
#define SelAIN5
(5 << 0) //select ADC channel 5
#define ADCStart
(1 << 6) //start ADC conversion
#define ADCEn
(1 << 7) //enable ADC
#define EADC
(1 << 3) //enable ADC interrupt
#define ClearEOC
0xDF;
unsigned int ADCBuffer;
// data buffer
void ADCInit(void)
{
P1 = 0x00;
P1M = 0x80;
// set AIN5 pin's mode at pure analog pin
P4CON |= 0x20;
//AIN5/P45
P4M
&= 0xDF;
//input mode
P4UR &= 0xDF;
//disable pull-high
// configure ADC channel and enable ADC.
ADM = ADCEn | SelAIN5;
// enable channel and select conversion speed
ADR = ADCChannelEn | ADCSpeedDiv1;
// configure reference voltage
VREFH = ADCExLowRef | ADCInRefVDD;
// set external low reference pin's mode at pure analog pin
P5CON |= 0x20;
//AVREFL/P55
P5M &= 0xDF;
//input mode
P5UR &= 0xDF;
//disable pull-high
// enable global interrupt
IEN0 |= 0x80;
//enable ADC interrupt
IEN2 |= EADC;
// start ADC conversion
ADM
|= ADCStart;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com