Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 128 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 128 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 124Page - SONiX Technology Company SN8F5708 Datasheet HTML 125Page - SONiX Technology Company SN8F5708 Datasheet HTML 126Page - SONiX Technology Company SN8F5708 Datasheet HTML 127Page - SONiX Technology Company SN8F5708 Datasheet HTML 128Page - SONiX Technology Company SN8F5708 Datasheet HTML 129Page - SONiX Technology Company SN8F5708 Datasheet HTML 130Page - SONiX Technology Company SN8F5708 Datasheet HTML 131Page - SONiX Technology Company SN8F5708 Datasheet HTML 132Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
128
ADB Register (0xD3)
Bit
Field
Type
Initial
Description
7..0
ADB[11:4]
R
-
ADC Result Bit [11:4]
* in 12-bit ADC resolution mode.
* ADC data buffer is 12-bit length to store ADC converter result. The high byte is ADB register, and the low-nibble is
ADR[3:0] bits.
ADR Register (0xD4)
Bit
Field
Type
Initial
Description
6
GCHS
R/W
0
ADC global channel select bit.
0: Disable AIN channel.
1: Enable AIN channel.
5..4
ADCKS[1:0]
R/W
00
ADC’s clock source select bit.
00 = fosc/16, 01 = fosc/8, 10 = fosc/1, 11 = fosc/2
3..0
ADB[3:0]
R
-
ADC Result Bit [3:0]
* in 12-bit ADC resolution mode.
* ADC data buffer is 12-bit length to store ADC converter result. The high byte is ADB register, and the low-nibble is
ADR[3:0] bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com