Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 127 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 127 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 123Page - SONiX Technology Company SN8F5708 Datasheet HTML 124Page - SONiX Technology Company SN8F5708 Datasheet HTML 125Page - SONiX Technology Company SN8F5708 Datasheet HTML 126Page - SONiX Technology Company SN8F5708 Datasheet HTML 127Page - SONiX Technology Company SN8F5708 Datasheet HTML 128Page - SONiX Technology Company SN8F5708 Datasheet HTML 129Page - SONiX Technology Company SN8F5708 Datasheet HTML 130Page - SONiX Technology Company SN8F5708 Datasheet HTML 131Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
ADC
Datasheet Rev. 2.4
127
ADM Register (0xD2)
Bit
Field
Type
Initial
Description
7
ADENB
R/W
0
ADC control bit. In stop mode, disable ADC to reduce
power consumption.
0: Disable
1: Enable
6
ADS
R/W
0
ADC conversion control
Write 1: Start ADC conversion (automatically cleared by
the end of conversion)
5
EOC
R/W
0
ADC status bit.
0: ADC progressing
1: End of conversion (automatically set by hardware;
manually cleared by firmware)
4..0
CHS[4:0]
R/W
0x00
ADC input channel select bit.
00000: AIN0, 00001: AIN1,
00010: AIN2, 00011: AIN3,
00100: AIN4, 00101: AIN5,
00110: AIN6, 00111: AIN7,
01000: AIN8, 01001: AIN9,
01010: AIN10, 01011: AIN11,
11000: AIN12
*(1), 11001: AIN13*(2),
11010: AIN14
*(3), others: Reserved.
*(1) AIN12 channel is OP0-Amp output terminal.
*(2) AIN13 channel is OP1-Amp output terminal.
*(3) The AIN14 is internal 2V or 3V or 4V input channel. There is no any input pin from outside. In this time ADC
reference voltage must be internal VDD and External voltage, not internal 2V or 3V or 4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com