Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 118 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 118 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 114Page - SONiX Technology Company SN8F5708 Datasheet HTML 115Page - SONiX Technology Company SN8F5708 Datasheet HTML 116Page - SONiX Technology Company SN8F5708 Datasheet HTML 117Page - SONiX Technology Company SN8F5708 Datasheet HTML 118Page - SONiX Technology Company SN8F5708 Datasheet HTML 119Page - SONiX Technology Company SN8F5708 Datasheet HTML 120Page - SONiX Technology Company SN8F5708 Datasheet HTML 121Page - SONiX Technology Company SN8F5708 Datasheet HTML 122Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
OPA
Datasheet Rev. 2.4
118
18 OPA
The microcontroller builds in two operational amplifiers (OP0 and OP1). The OP-Amp power range
is VSS – VDD. OP-Amp input signal and output voltage are within the voltage range. The OP-Amp
output pin is programmable to connect with ADC input channel for voltage measurement.
+
-
Vdd
Vss
Vout
V+
V-
OPnN Pin
OPnEN
OPnP Pin
OPnO Pin
OPnEN
OPnEN
To ADC channel
OP0=>(CHS[4:0]= 11000b)
OP1=>(CHS[4:0]= 11001b)
M
U
X
GPIO
M
U
X
GPIO
OPnEN
M
U
X
GPIO
18.1
Configurations of Operation
The OP-AMP pins are shared with GPIO controlled by OP0EN/OP1EN bit. When OPEN=0, OP AMP
pins are GPIO mode. When OPEN=1, GPIO pins switch to OP-AMP and isolate GPIO path. OP-AMP
pins selection table is as following.
OP-AMP N0.
OPnEN
OP Positive Pin
OP Negative Pin
OP Output Pin
OP0
OP0EN = 0
All pins are GPIO mode.
OP0EN = 1
OP0P (Vin+)
OP0N (Vin-)
OP0O (Vout)
OP1
OP1EN = 0
All pins are GPIO mode.
OP1EN = 1
OP0P (Vin+)
OP0N (Vin-)
OP0O (Vout)
OP0/OP1 output pins are also connected to ADC internal AIN12 and AIN13 channel => CHS[4:0].
See detailed description of ADC section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com