Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments BQ25713 Datasheet HTML 17Page - Texas Instruments BQ25713 Datasheet HTML 18Page - Texas Instruments BQ25713 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
BATTERY LOW VOLTAGE COMPARATOR (Pre-charge to Fast Charge Threshold for 1S)
VBATLV_FALL
BATLOWV falling
threshold
2.8
V
VBATLV_RISE
BATLOWV rising
threshold
3
V
VBATLV_RHYST
BATLOWV hysteresis
200
mV
INPUT OVER-VOLTAGE COMPARATOR (ACOV)
VVBUSOV_RISE
VBUS overvoltage
rising threshold
VBUS rising
26.0
26.8
27.7
V
VVBUSOV_FALL
VBUS overvoltage
falling threshold
VBUS falling
25.0
25.8
26.7
V
VVBUSOV_HYST
VBUS overvoltage
hysteresis
1.0
V
tVBUSOV_RISE_DEG
VBUS deglitch
overvoltage rising
VBUS converter rising to stop converter
100
us
tVBUSOV_FALL_DEG
VBUS deglitch
overvoltage falling
VBUS converter falling to start converter
1
ms
INPUT OVER CURRENT COMPARATOR (ACOC)
VACOC
ACP to ACN
rising threshold, w.r.t.
ILIM2_VTH
Voltage across input sense resistor rising,
Reg0x32[2]= 1
180%
200%
220%
VACOC_FLOOR
Measure between
ACP and ACN
Set IIN_DPM to minimum
44
50
56
mV
VACOC_CEILING
Measure between
ACP and ACN
Set IIN_DPM to maximum
172
180
188
mV
tACOC_DEG_RISE
Rising deglitch time
Deglitch time to trigger ACOC
250
us
tACOC_RELAX
Relax time
Relax time before converter starts again
250
ms
SYSTEM OVER-VOLTAGE COMPARATOR (SYSOVP)
VSYSOVP_RISE
System overvoltage
rising threshold to
turnoff converter
1 s
5.8
6
6.1
V
2 s
11.7
12
12.2
V
3 s
19
19.5
20
V
4 s
19
19.5
20
V
5 s
24
25
26
V
VSYSOVP_FALL
System overvoltage
falling threshold
1 s
5.5
V
2 s
11.7
V
3 s
19.3
V
4 s
19.3
V
5 s
24.5
V
ISYSOVP
Discharge current
when SYSOVP
stop switching was
triggered
on VSYS pin
20
mA
BAT OVER-VOLTAGE COMPARATOR (BATOVP)
VBATOVP_RISE
Overvoltage rising
threshold as
percentage of
VBAT_REG in
REG0x05/04h()
1 s
102.3%
104%
106%
≥2 s
102.3%
104%
105%
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com