Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 8Page - Texas Instruments BQ25713 Datasheet HTML 9Page - Texas Instruments BQ25713 Datasheet HTML 10Page - Texas Instruments BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOTG_REG_RNG
OTG voltage
regulation range(OOA
disabled)
Voltage on VBUS
3
24.00
V
VOTG_REG_ACC
OTG voltage
regulation
accuracy(OOA
disabled)
REG0x07/06()=0x2CECH
23.00
V
–2%
2%
REG0x07/06()=0x1770H
12.00
V
–2%
2%
REG0x07/06()=0x09C4H
5.00
V
–4%
3.5%
REGN REGULATOR
VREGN_REG
REGN regulator
voltage (0 mA – 60
mA)
VVBUS = 10 V
5.7
6
6.3
V
VDROPOUT
REGN voltage in drop
out mode
VVBUS = 5 V, ILOAD = 20 mA
3.8
4.3
4.6
V
IREGN_LIM
REGN current limit
when converter is
enabled
VVBUS = 10 V, force VREGN =4 V
50
65
mA
QUIESCENT CURRENT
IBAT_BATFET_ON
System powered by
battery. BATFET on.
ISRN + ISRP + ISW2 +
IBTST2 + ISW1 + IBTST1
+ IACP + IACN + IVBUS
+ IVSYS
VBAT = 18 V, REG0x01[7] = 1,REG0x31[6] = 0b, in
low-power mode, Disable PSYS
22
45
µA
VBAT = 18 V, REG0x01[7] = 1, REG0x31[6] =
1b, REG0x31[5:4] = 11b,REGN off, Disable PSYS,
Enable low power PROCHOT
35
60
µA
VBAT = 18 V, REG0x01[7]= 0,REG0x31[5:4]= 11b,
REGN on, Disable PSYS, In performance mode
880
1170
µA
VBAT = 18 V, REG0x01[7] = 0, REG0x31[5:4]
= 00b, REGN on, Enable PSYS, In performance
mode
980
1270
µA
IAC_SW_LIGHT_buck
Input current during
PFM in buck mode,
no load, IVBUS + IACP
+ IACN + IVSYS + ISRP
+ ISRN + ISW1 + IBTST
+ ISW2 + IBTST2
VIN = 20 V, VBAT = 12.6 V, 3s, REG0x01[2] = 0;
MOSFET Qg = 4 nC
2.2
mA
IAC_SW_LIGHT_boost
Input current during
PFM in boost mode,
no load, IVBUS + IACP
+ IACN + IVSYS + ISRP
+ ISRN + ISW1 + IBTST2
+ ISW2 + IBTST2
VIN = 5 V, VBAT = 8.4 V, 2s, REG0x01[2] = 0;
MOSFET Qg = 4 nC
2.7
mA
IAC_SW_LIGHT_buckboost
Input current during
PFM in buck boost
mode, no load, IVBUS
+ IACP + IACN + IVSYS
+ ISRP + ISRN + ISW1 +
IBTST1 + ISW2 + IBTST2
VIN = 12 V, VBAT = 12 V, REG0x01[2] = 0;
MOSFET Qg = 4 nC
2.4
mA
IOTG_STANDBY
Quiescent current
during PFM in OTG
mode, EN_OOA=0b,
IVBUS + IACP + IACN +
IVSYS + ISRP + ISRN +
ISW1 + IBTST2 + ISW2 +
IBTST2
VBAT = 8.4 V, VBUS = 5 V, 800 kHz switching
frequency, MOSFET Qg = 4nC
3
mA
VBAT = 8.4 V, VBUS = 12 V, 800 kHz switching
frequency, MOSFET Qg = 4nC
4.2
mA
VBAT = 8.4 V, VBUS = 20 V, 800 kHz switching
frequency, MOSFET Qg = 4nC
6.2
mA
CURRENT SENSE AMPLIFIER
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com