Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 32 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
monitoring, a resistor divider from CSA output to GND can be used and accuracy over temperature can still be
achieved.
• VIADPT = 20 or 40 × (VACP – VACN) during forward mode, or 20 or 40 × (VACN – VACP) during reverse OTG
mode.
• VIBAT = 8 or 16 × (VSRP – VSRN) during forward charging mode.
• VIBAT = 8 or 16 × (VSRN – VSRP) during forward supplement mode, reverse OTG mode and battery only
discharge scenario.
A maximum 100-pF capacitor is recommended to connect on the output for decoupling high-frequency noise. An
additional RC filter is optional. Note that RC filtering has additional response delay. The CSA output voltage is
clamped at 3.3 V.
8.3.16.2 High-Accuracy Power Sense Amplifier (PSYS)
The charger monitors total system power. During forward mode, the input adapter powers the system. During
reverse OTG mode and battery only discharge scenario, the battery powers the system and VBUS output. The
ratio of PSYS pin output current and total system power, KPSYS, can be programmed in PSYS_RATIO register
bit with default 1 μA/W. The input and charge sense resistors (RAC and RSR) are selected in RSNS_RAC bit and
RSNS_RSR bit. By default, PSYS_CONFIG=00b and PSYS voltage can be calculated with Equation 1, where
IIN>0 when the charger is in forward charging and IIN<0 when charger is in OTG operation; where IBAT<0 when
the battery is in charging and IBAT>0 when battery is discharging.
VPSYS =RPSYS·KPSYS(VACP·IIN+VSYS·IBAT)
(1)
RAC and RSR values are not limited to symmetrical both 5 mΩ or both 10 mΩ. For defined current sense resistors
(10 mΩ/5 mΩ), PSYS function is still valid when RAC=5 mΩ(RSNS_RAC=1b) and RSR=10 mΩ(RSNS_RAC=0b),
vice versa. As long as RSNS_RAC and RSNS_RSR bit status are consistent with practical resistors used in the
system.
Charger can block IBAT contribution to above equation by setting PSYS_CONFIG =01b in forward mode and
block IBUS contribution to above equation by setting PSYS_OTG_IDCHG=1b in OTG mode.
To minimize the quiescent current, the PSYS function is disabled by default PSYS_CONFIG = 11b.
Table 8-6. PSYS Configuration Table
CASE #
PSYS_CONFIG BITS
PSYS_OTG_IDCHG
BITS
FORWARD MODE PSYS
CONFIGURATION
OTG
MODE PSYS
CONFIGURATION
1
00b
0b
PSYS = PBUS+PBAT
PSYS = PBUS + PBAT
2
00b
1b
PSYS = PBUS+PBAT
PSYS =PBAT
3
01b
Xb
PSYS = PBUS
PSYS = 0
4
11b
Xb
PSYS = 0 (Disabled)
PSYS = 0 (Disabled)
5 (Reserved)
10b
Xb
PSYS = 0 (Reserved)
PSYS = 0 (Reserved)
8.3.17 Input Source Dynamic Power Management
The charger supports Dynamic Power Management (DPM). Normally, the input power source provides power for
the system load and/or charging the battery. When the input current exceeds the input current setting (IIN_DPM),
or the input voltage falls below the input voltage setting (VINDPM), the charger decreases the charge current to
provide priority to the system load. As the system current rises, the available charge current drops accordingly
towards zero. If the system load keeps increasing after the charge current drops down to zero, the system
voltage starts to drop. As the system voltage drops below the battery voltage, the battery will discharge to
supplement the heavy system load.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com