Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 22 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 18Page - Texas Instruments BQ25713 Datasheet HTML 19Page - Texas Instruments BQ25713 Datasheet HTML 20Page - Texas Instruments BQ25713 Datasheet HTML 21Page - Texas Instruments BQ25713 Datasheet HTML 22Page - Texas Instruments BQ25713 Datasheet HTML 23Page - Texas Instruments BQ25713 Datasheet HTML 24Page - Texas Instruments BQ25713 Datasheet HTML 25Page - Texas Instruments BQ25713 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
7.7 Typical Characteristics (continued)
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VOUT=18.5V
VIN = 5 V
CCM
Fs=400kHz
VOUT=System Voltage
RAC=5mΩ
RSR=5mΩ
Inductance=4.7uH
Figure 7-5. System Efficiency
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VOUT=18.5V
VIN = 9 V
CCM
Fs=400kHz
VOUT=System Voltage
RAC=5mΩ
RSR=5mΩ
Inductance=4.7uH
Figure 7-6. System Efficiency
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VOUT=18.5V
VIN = 15 V
CCM
Fs=400kHz
VOUT=System Voltage
RAC=5mΩ
RSR=5mΩ
Inductance=4.7uH
Figure 7-7. System Efficiency
Output Current(A)
0
1
2
3
4
5
6
7
8
9
10
11
12
82
84
86
88
90
92
94
96
98
100
VOUT=3.7V
VOUT=7.4V
VOUT=11.1V
VOUT=14.8V
VOUT=18.5V
VIN = 20 V
CCM
Fs=400kHz
VOUT=System Voltage
RAC=5mΩ
RSR=5mΩ
Inductance=4.7uH
Figure 7-8. System Efficiency
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com