Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 27 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 23Page - Texas Instruments BQ25713 Datasheet HTML 24Page - Texas Instruments BQ25713 Datasheet HTML 25Page - Texas Instruments BQ25713 Datasheet HTML 26Page - Texas Instruments BQ25713 Datasheet HTML 27Page - Texas Instruments BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 111 page
background image
8.3 Feature Description
8.3.1 Power-Up Sequence
The device powers up from the higher voltage of VBUS or VBAT through integrated power selector. The charger
starts POR (power on reset) when VBUS exceeds VVBUS_UVLOZ or VBAT exceeds VVBAT_UVLOZ. 5 ms after either
VBUS or VBAT becomes valid, the charger resets all the registers to the default state. Another 5 ms later, the
user registers become accessible to the host.
Power up sequence when the charger is powered up from VBUS:
• After VBUS above VVBUS_UVLOZ, enable 6-V LDO REGN pin and VDDA pin voltage increase accordingly.
CHRG_OK pin goes HIGH and the AC_STAT is configured to 1.
• After passing VBUS qualification, the REGN voltage is setup. VINDPM is detected in VBUS steady state
voltage and IIN_DPM is detected at ILIM_HIZ pin steady state voltage.
• Battery CELL configuration is read at CELL_BATPRESZ pin voltage and compared to VDDA to determine
cell configuration. Corresponding the default value of ChargeVoltage register (REG0x05/04()), ChargeCurrent
register (Reg0x03/02), VSYS_MIN register (Reg0x0D/0C) and SYSOVP threshold are loaded.
• Converter powers up.
Power up sequence when the charger is powered up from VBAT:
• If only battery is present and the voltage is above VVBAT_UVLOZ , charger wakes up and the BATFET is turned
on and connecting the battery to system.
• By default, the charger is in low power mode (EN_LWPWR = 1b) with lowest quiescent current. The
REGN LDO stays off. The Quiescent current is minimized. PROCHOT is available through the independent
comparator by setting EN_PROCHOT_LPWR=1b.
• The adapter present comparator is activated, to monitor the VBUS voltage.
• SDA and SDL lines stand by waiting for host commands.
• Device can move to performance mode by configuring EN_LWPWR = 0b. The host can enable IBAT
buffer through setting EN_IBAT=1b to monitor discharge current. The PSYS, PROCHOT or the independent
comparator also can be enabled by the host.
• In performance mode, the REGN LDO is always available to provide an accurate reference and gate drive
voltage for the converter.
8.3.2 Two-Level Battery Discharge Current Limit
To prevent the triggering of battery overcurrent protection and avoid battery wear-out, two battery current
limit levels (IDCHG_TH1 and IDCHG_TH2) PROCHOT profiles are recommended to be enabled. Define
IDCHG_TH1 through REG0x39h[7:2], IDCHG_TH2 is set through REG0x3Ch[5:3] for fixed percentage of
IDCHG_TH1. There are dedicated de-glitch time setting registers(IDCHG_DEG1 and IDCHG_DEG2) for both
IDCHG_TH1 and IDCHG_TH2.
• When battery discharge current is continuously higher than IDCHG_TH1 for more than IDCHG_DEG1 de-
glitch time, PROCHOT is asserted immediately. If the discharge current reduces to lower than IDCHG_TH1,
then the time counter resets automatically. STAT_IDCHG1 bit will be set to 1 after PROCHOT is triggered.
Set PP_IDCHG1=1b to enable IDCHG_TH1 for triggering PROCHOT.
• When battery discharge current is continuously higher than IDCHG_TH2 for more than IDCHG_DEG2 de-
glitch time, PROCHOT is asserted immediately. If the discharge current reduces to lower than IDCHG_TH2,
then the time counter resets automatically. STAT_IDCHG2 bit will be set to 1 after PROCHOT is triggered.
Set PP_IDCHG2=1b to enable IDCHG_TH2 for triggering PROCHOT.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com