Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 47 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 47 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 43Page - Texas Instruments BQ25713 Datasheet HTML 44Page - Texas Instruments BQ25713 Datasheet HTML 45Page - Texas Instruments BQ25713 Datasheet HTML 46Page - Texas Instruments BQ25713 Datasheet HTML 47Page - Texas Instruments BQ25713 Datasheet HTML 48Page - Texas Instruments BQ25713 Datasheet HTML 49Page - Texas Instruments BQ25713 Datasheet HTML 50Page - Texas Instruments BQ25713 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
Table 8-8. ChargeOption0 Register (I2C address = 01h) Field Descriptions (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
2
EN_OOA
R/W
1b
Out-of-Audio Enable
In both forward mode and OTG mode, switching frequency reduces with
diminishing load, under extreme light load condition the switching frequency
could be lower than 25 kHz which is already in audible frequency range. By
configuring EN_OOA=1b, the minimum PFM burst frequency is clamped at
around 25 kHz to avoid any audible noise.
0b: No limit of PFM burst frequency
1b: Set minimum PFM burst frequency to above 25 kHz to avoid audio noise
<default at POR>
1
PWM_FREQ
R/W
1b
Switching Frequency Selection: Recommend 800 kHz with 2.2 µH, and 400
kHz with 4.7 µH.
0b: 800kHz
1b: 400 kHz<default at POR>
0
LOW_PTM_RIPPLE
R/W
1b
PTM mode input voltage and current ripple reduction
0b: Disable
1b: Enable <default at POR>
Table 8-9. ChargeOption0 Register (I2C address = 00h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
EN_CMP_LATCH
R/W
0b
The EN_CMP_LATCH bit, will latch the independent comparator output after
it is triggered at low state. If enabled in PROCHOT profile REG0x38[6]=1 ,
STAT_COMP bit REG0x22[6] keep 1b after triggered until read by host and
clear
0b: Independent comparator output will not latch when it is low<default at
POR>
1b: Independent comparator output will latch when it is low, host can clear
CMPOUT pin by toggling this EN_CMP_LATCH bit.
6
VSYS_UVP_ENZ
R/W
0b
To disable system under voltage protection.
0b: VSYS under voltage protection is enabled <default at POR>
1b: VSYS under voltage protection is disabled
5
EN_LEARN
R/W
0b
LEARN mode allows the battery to discharge and converter to shut off while
the adapter is present . It calibrates the battery gas gauge over a complete
discharge/charge cycle. When the host determines the battery voltage is
below battery depletion threshold, the host switch the system back to adapter
input by writing this bit back to 0b.
0b: Disable LEARN Mode <default at POR>
1b: Enable LEARN Mode
4
IADPT_GAIN
R/W
0b
IADPT Amplifier Ratio
The ratio of voltage on IADPT and voltage across ACP and ACN.
0b: 20× <default at POR>
1b: 40×
3
IBAT_GAIN
R/W
1b
IBAT Amplifier Ratio
The ratio of voltage on IBAT and voltage across SRP and SRN
0b: 8×
1b: 16× <default at POR>
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com