Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 44 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 44 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 40Page - Texas Instruments BQ25713 Datasheet HTML 41Page - Texas Instruments BQ25713 Datasheet HTML 42Page - Texas Instruments BQ25713 Datasheet HTML 43Page - Texas Instruments BQ25713 Datasheet HTML 44Page - Texas Instruments BQ25713 Datasheet HTML 45Page - Texas Instruments BQ25713 Datasheet HTML 46Page - Texas Instruments BQ25713 Datasheet HTML 47Page - Texas Instruments BQ25713 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 111 page
background image
8.6 Register Map
Table 8-7. Charger Command Summary
I2C ADDR
(MSB/LSB)
REGISTER NAME
TYPE
DESCRIPTION
LINKS
01/00h
ChargeOption0()
R/W
Charge Option 0
Go
03/02h
ChargeCurrent()
R/W
7-bit charge current setting
LSB 128 mA, Range 0 mA – 16256 mA
(RSR=5mΩ)
Go
05/04h
ChargeVoltage()
R/W
12-bit charge voltage setting
LSB 8 mV, Default: 1S-4200mV, 2S-8400mV,
3S-12600mV, 4S-16800mV, 5S-21000mV
Go
07/06h
OTGVoltage()
R/W
12-bit OTG voltage setting
LSB 8 mV, Range: 3000 mV – 24000 mV
Go
09/08h
OTGCurrent()
R/W
7-bit OTG output current setting
LSB 100 mA, Range: 0 A – 12700 mA
(RAC=5mΩ)
Go
0B/0Ah
InputVoltage()
R/W
8-bit input voltage setting
LSB 64 mV, Range: 3200 mV – 19520 mV
Go
0D/0Ch
VSYS_MIN()
R/W
8-Bit minimum system voltage setting
LSB: 100 mV, Range: 1000 mV - 23000 mV
Default: 1S-3.6V, 2S-6.6V, 3S-9.2V, 4S-12.3V,
5S-15.4V
Go
0F/0Eh
IIN_HOST()
R/W
6-bit Input current limit set by host
LSB: 100 mA, Range: 100 mA - 10000 mA with
100 mA offset (RAC=5mΩ)
Go
21/20h
ChargerStatus()
R with R/W
bits
Charger Status
Go
23/22h
ProchotStatus()
R and R/W
bits
Prochot Status
Go
25/24h
IIN_DPM()
R
7-bit input current limit in use
LSB: 100 mA, Range: 100 mA - 10000 mA
(RAC=5mΩ)
Go
27/26h
ADCVBUS/PSYS()
R
8-bit digital output of input voltage,
8-bit digital output of system power
PSYS: Full range: 3.06 V, LSB: 12 mV
VBUS: Full range: 0 V - 24.48 V, LSB 96 mV
Go
29/28h
ADCIBAT()
R
7-bit digital output of battery charge current,
7-bit digital output of battery discharge current
ICHG: Full range 16.256 A, LSB 128 mA
IDCHG: Full range: 65.024 A, LSB: 512 mA
(RSR=5mΩ)
Go
2B/2Ah
ADCIINCMPIN()
R
8-bit digital output of input current,
8-bit digital output of CMPIN voltage
POR State - IIN: Full range: 25.5 A, LSB 100 mA
(RAC=5mΩ)
CMPIN: Full range 3.06 V, LSB: 12 mV
Go
2D/2Ch
ADCVSYSVBAT()
R
8-bit digital output of system voltage,
8-bit digital output of battery voltage
VSYS: Full range: 2.88 V - 19.2 V, LSB: 64 mV
(1S-4S)
VSYS: Full range: 8.16 V - 24.48 V, LSB: 64 mV
(5S)
VBAT: Full range : 2.88 V - 19.2 V, LSB 64 mV
(1S-4S)
VBAT: Full range : 8.16 V - 24.48 V, LSB 64 mV
(5S)
Go
2Eh
ManufacturerID()
R
Manufacturer ID - 0x0040H
Go
2Fh
DeviceID()
R
Device ID
Go
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
44
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com