Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 65 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 65 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 61Page - Texas Instruments BQ25713 Datasheet HTML 62Page - Texas Instruments BQ25713 Datasheet HTML 63Page - Texas Instruments BQ25713 Datasheet HTML 64Page - Texas Instruments BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments BQ25713 Datasheet HTML 67Page - Texas Instruments BQ25713 Datasheet HTML 68Page - Texas Instruments BQ25713 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
8.6.12 ChargeOption2 Register (I2C address = 33/32h) [reset = 00B7]
Figure 8-27. ChargeOption2 Register (I2C address = 33/32h) [reset = 00B7]
7
6
5
4
3
2
1
0
PKPWR_TOVLD_DEG
EN_PKPWR_II
N_DPM
EN_PKPWR_V
SYS
PKPWR_OVLD
_STAT
PKPWR_RELA
X_STAT
PKPWR_TMAX[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
EN_EXTILIM
EN_ICHG_IDC
HG
Q2_OCP
ACX_OCP
EN_ACOC
ACOC_VTH
EN_BATOC
BATOC_VTH
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-30. ChargeOption2 Register (I2C address = 33h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-6
PKPWR_TOVLD_DEG
R/W
00b
Input Overload time in Peak Power Mode
00b: 1 ms <default at POR>
01b: 2 ms
10b: 5 ms
11b: 10 ms
5
EN_PKPWR_IIN_DPM
R/W
0b
Enable Peak Power Mode triggered by input current overshoot
If REG0x33[5:4] are 00b, peak power mode is disabled. Upon adapter
removal, the bits are reset to 00b.
0b: Disable peak power mode triggered by input current overshoot
<default at POR>
1b: Enable peak power mode triggered by input current overshoot.
4
EN_PKPWR_VSYS
R/W
0b
Enable Peak Power Mode triggered by system voltage under-shoot
If REG0x33[5:4] are 00b, peak power mode is disabled. Upon adapter
removal, the bits are reset to 00b.
0b: Disable peak power mode triggered by system voltage under-shoot
<default at POR>
1b: Enable peak power mode triggered by system voltage under-shoot.
3
STAT_PKPWR_OVLD
R/W
0b
Indicator that the device is in overloading cycle. Write 0 to get out of
overloading cycle.
0b: Not in peak power mode. <default at POR>
1b: In peak power mode.
2
STAT_PKPWR_RELAX
R/W
0b
Indicator that the device is in relaxation cycle. Write 0 to get out of
relaxation cycle.
0b: Not in relaxation cycle. <default at POR>
1b: In relaxation mode.
1-0
PKPWR_TMAX[1:0]
R/W
00b
Peak power mode overload and relax cycle time.
00b: 20 ms <default at POR>
01b: 40 ms
10b: 80 ms
11b: 1 sec
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com