Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 81 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 81 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 77Page - Texas Instruments BQ25713 Datasheet HTML 78Page - Texas Instruments BQ25713 Datasheet HTML 79Page - Texas Instruments BQ25713 Datasheet HTML 80Page - Texas Instruments BQ25713 Datasheet HTML 81Page - Texas Instruments BQ25713 Datasheet HTML 82Page - Texas Instruments BQ25713 Datasheet HTML 83Page - Texas Instruments BQ25713 Datasheet HTML 84Page - Texas Instruments BQ25713 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 111 page
background image
8.6.20 OTGCurrent Register (I2C address = 09/08h) [reset = 3C00h]
To set the OTG output current limit, write to REG0x09/08() using the data format listed in Figure 8-35 and Table
8-46.
Figure 8-35. OTGCurrent Register (I2C address = 09/08h) [reset = 3C00h]
7
6
5
4
3
2
1
0
Reserved
OTG Current
set by host, bit
6
OTG Current
set by host, bit
5
OTG Current
set by host, bit
4
OTG Current
set by host, bit
3
OTG Current
set by host, bit
2
OTG Current
set by host, bit
1
OTG Current
set by host, bit
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Reserved
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-46. OTGCurrent Register (I2C address = 09h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Reserved
R/W
0b
Not used. 1 = invalid write.
6
OTG Current set by host, bit 6
R/W
0b
0 = Adds 0 mA of OTG current.
1 = Adds 6400 mA of OTG current.
5
OTG Current set by host, bit 5
R/W
1b
0 = Adds 0 mA of OTG current.
1 = Adds 3200 mA of OTG current.
4
OTG Current set by host, bit 4
R/W
1b
0 = Adds 0 mA of OTG current.
1 = Adds 1600 mA of OTG current.
3
OTG Current set by host, bit 3
R/W
1b
0 = Adds 0 mA of OTG current.
1 = Adds 800 mA of OTG current.
2
OTG Current set by host, bit 2
R/W
1b
0 = Adds 0 mA of OTG current.
1 = Adds 400 mA of OTG current.
1
OTG Current set by host, bit 1
R/W
0b
0 = Adds 0 mA of OTG current.
1 = Adds 200 mA of OTG current.
0
OTG Current set by host, bit 0
R/W
0b
0 = Adds 0 mA of OTG current.
1 = Adds 100 mA of OTG current.
Table 8-47. OTGCurrent Register (I2C address = 08h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-0
Reserved
R/W
00000000b Not used. Value Ignored.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com