Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 49 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 49 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 45Page - Texas Instruments BQ25713 Datasheet HTML 46Page - Texas Instruments BQ25713 Datasheet HTML 47Page - Texas Instruments BQ25713 Datasheet HTML 48Page - Texas Instruments BQ25713 Datasheet HTML 49Page - Texas Instruments BQ25713 Datasheet HTML 50Page - Texas Instruments BQ25713 Datasheet HTML 51Page - Texas Instruments BQ25713 Datasheet HTML 52Page - Texas Instruments BQ25713 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
8.6.2 ChargeCurrent Register (I2C address = 03/02h) [reset = 0000h]
To set the charge current, write 16-bit ChargeCurrent() command (REG0x03/02h()) using the data format listed
Figure 8-17.
With 5-mΩ sense resistor, the charger provides charge current range of 0 A to 16.256 A, with a 128-mA step
resolution. With 10-mΩ sense resistor, the charger provides charge current range of 0 A to 8.128 A, with a
64-mA step resolution.
Upon POR, ChargeCurrent() is 0 A. Below scenarios will also reset Charge current to zero:
• CELL_BATPRESZ going LOW (battery removal).
• STAT_AC is not valid(Adapter removal).
• RESET_REG is asserted and reset all registers.
• Charge voltage is written to be 0 V.
• Watch dog event is triggered.
Charge current is not reset in force converter latch off fault (REG0x20[2]), and ACOC/TSHUT/SYSOVP/ACOV/
VSYS_UVP/BATOVP/BATOC faults.
Figure 8-17. ChargeCurrent Register (I2C address = 03/02h) [reset = 0000h]
7
6
5
4
3
2
1
0
Reserved
Charge Current,
bit 6
Charge Current,
bit 5
Charge Current,
bit 4
Charge Current,
bit 3
Charge Current,
bit 2
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Charge Current,
bit 1
Charge Current,
bit 0
Reserved
Reserved
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-10. Charge Current Register with 5-mΩ Sense Resistor (I2C address = 03h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-5
Reserved
R/W
000b
Not used. 1 = invalid write.
4
Charge Current, bit 6
R/W
0b
0 = Adds 0 mA of charger current.
1 = Adds 8192 mA of charger current.
3
Charge Current, bit 5
R/W
0b
0 = Adds 0 mA of charger current.
1 = Adds 4096 mA of charger current.
2
Charge Current, bit 4
R/W
0b
0 = Adds 0 mA of charger current.
1 = Adds 2048 mA of charger current.
1
Charge Current, bit 3
R/W
0b
0 = Adds 0 mA of charger current.
1 = Adds 1024 mA of charger current.
0
Charge Current, bit 2
R/W
0b
0 = Adds 0 mA of charger current.
1 = Adds 512 mA of charger current.
Table 8-11. Charge Current Register with 5-mΩ Sense Resistor (I2C address = 02h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Charge Current, bit 1
R/W
0b
0 = Adds 0 mA of charger current.
1 = Adds 256 mA of charger current.
6
Charge Current, bit 0
R/W
0b
0 = Adds 0 mA of charger current.
1 = Adds 128 mA of charger current.
5-0
Reserved
R/W
000000b
Not used. Value Ignored.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com