Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 37 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 37 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments BQ25713 Datasheet HTML 37Page - Texas Instruments BQ25713 Datasheet HTML 38Page - Texas Instruments BQ25713 Datasheet HTML 39Page - Texas Instruments BQ25713 Datasheet HTML 40Page - Texas Instruments BQ25713 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
on. When VBUS pin voltage falls below VACOV_FALL for more than 1 ms, it is considered as adapter voltage
returns back to normal voltage. CHRG_OK pin is pulled high by external pull-up resistor. The converter resumes
if enable conditions are valid.
8.3.21.3 Input Overcurrent Protection (ACOC)
If the input current exceeds the 1.33× or 2× of ILIM2_VTH set point ACOC_TH (adjustable through ACOC_VTH),
after 250-μs rising edge de-glitch time converter stops switching because of input overcurrent protection
(ACOC). ACOC is a non-latch fault, if input current falls below set point, after 250-ms falling edge de-glitch
time converter starts switching again. ACOC is disabled by default and need to be enabled by configuring
EN_ACOC=1b. When ACOC is triggered, its corresponding status bit Fault ACOC will be set and it can be
cleared by host read.
8.3.21.4 System Overvoltage Protection (SYSOVP)
When the converter starts up, the BQ25730 reads CELL_BATPRESZ pin configuration and sets ChargeVoltage()
and SYSOVP threshold (1s – 6 V, 2s – 12 V, 3s/4s – 19.5 V and 5s – 25 V ). Before ChargeVoltage() is written
by the host, the battery configuration will change with CELL pin voltage. When SYSOVP happens, the device
latches off the converter. Fault SYSOVP status bit is set to 1. The user can clear latch-off by either writing 0
to the Fault SYSOVP status bit or removing and plugging in the adapter again. After latch-off is cleared, the
converter starts again.
8.3.21.5 Battery Overvoltage Protection (BATOVP)
Battery overvoltage may happen when user plugs in a wrong battery or a wrong regulation voltage is written
into ChargeVoltage() register. The BATOVP rising threshold is 104% of regulation voltage set in ChargeVoltage()
register, and falling threshold is 102% of regulation voltage set in ChargeVoltage() register. When BATOVP rising
condition is triggered: if charge is enabled (charge current is not 0A) converter should shut down with both
HS MOSFET and LS MOSFET turned off; if charge is disabled the converter should keep operating without
disturbance until battery rise up system voltage to be high enough trigger SYSOVP. There is no user status bit
to monitor. Note VBAT voltage used for BATOVP detection is based on SRN pin measurement. When BATOVP
is triggered with charge enabled, 40-mA discharge current is added on VSYS pin will help discharge battery
voltage.
8.3.21.6 Battery Discharge Overcurrent Protection (BATOC)
The charger monitors the battery discharge current to provide the battery overcurrent protection (BATOC)
through voltage across SRN and SRP. BATOC can be enabled by configuring EN_BATOC=1b. BATOC threshold
is selected either 133% of IDCHG_TH2 or 200% IDCHG_TH2 through BATOC_VTH bit. The threshold is also
clamped between 100 mV and 360 mV SRN-SRP cross voltage.
When discharge current is higher than the threshold after 250-μs deglitch time, BATOC fault is triggered, status
bit Fault BATOC is set accordingly. Converter shuts down when BATOC is asserted to disable OTG operation
and reduce discharge current. BATFET status is not impacted if need to supplement power to system.
BATOC is not a latch fault, therefore after BATOC fault is removed, with 250-ms relax time, converter resume
switching automatically. But status bit Fault BATOC is only cleared by host read.
8.3.21.7 Battery Short Protection (BATSP)
For multicell operation, if BAT voltage falls below VSYS_MIN during charging, the maximum charger current
is limited to 384 mA. For single-cell operation, if BAT voltage falls below 3.0 V during charging, the maximum
charge current is limited to 384 mA; if BAT voltage is between 3.0 V and VSYS_MIN then maximum charge
current is limited to 2 A. Note VBAT voltage used for battery short detection is based on SRN pin measurement.
8.3.21.8 System Undervoltage Lockout (VSYS_UVP) and Hiccup Mode
The charger VSYS_UVP is enabled by POR ( VSYS_UVP_ENZ=0b) and can be disabled by writing
VSYS_UVP_ENZ=1b. This protection is mainly defined to protect converter from system short circuit under
both startup and steady state process. VSYS pin is used to monitor the system voltage, when VSYS is lower
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com