Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 88 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 88 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 84Page - Texas Instruments BQ25713 Datasheet HTML 85Page - Texas Instruments BQ25713 Datasheet HTML 86Page - Texas Instruments BQ25713 Datasheet HTML 87Page - Texas Instruments BQ25713 Datasheet HTML 88Page - Texas Instruments BQ25713 Datasheet HTML 89Page - Texas Instruments BQ25713 Datasheet HTML 90Page - Texas Instruments BQ25713 Datasheet HTML 91Page - Texas Instruments BQ25713 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
DESIGN PARAMETER
EXAMPLE VALUE
Input Current Limit (2)
3.2 A for 65-W adapter
Battery Charge Voltage(1)
8400 mV for 2s battery
Battery Charge Current(1)
3072 mA for 2s battery
Minimum System Voltage(1)
6600 mV for 2s battery
(1)
Refer to battery specification for settings.
(2)
Refer to adapter specification for settings for Input Voltage and Input Current Limit.
9.2.2 Detailed Design Procedure
The parameters are configurable using the evaluation software. The simplified application circuit (see Figure
9-1, as the application diagram) shows the minimum component requirements. Inductor, capacitor, and MOSFET
selection are explained in the rest of this section. Refer to the EVM user's guide for the complete application
schematic.
9.2.2.1 Input Snubber and Filter for Voltage Spike Damping
During adapter hot plug-in, the parasitic inductance and input capacitor from the adapter cable form a second
order system. The voltage spike at VBUS pin maybe beyond IC maximum voltage rating and damage IC. The
input filter must be carefully designed and tested to prevent overvoltage event on VBUS pin.
There are several methods to damp or limit the overvoltage spike during adapter hot plug-in. An electrolytic
capacitor with high ESR as an input capacitor can damp the overvoltage spike well below the IC maximum pin
voltage rating. A high current capability TVS Zener diode can also limit the overvoltage level to an IC safe level.
However these two solutions may not save cost or have small size.
A cost effective and small size solution is shown in Figure 9-2. The R1 and C1 are composed of a damping RC
network to damp the hot plug-in oscillation. As a result the over voltage spike is limited to a safe level. D1 is used
for reverse voltage protection for VBUS pin. C2 is VBUS pin decoupling capacitor and it should be placed as
close as possible to VBUS pin. C2 value should be less than C1 value so R1 can dominate the equivalent ESR
value to get enough damping effect. R2 is used to limit inrush current of D1 to prevent D1 getting damage when
adapter hot plug-in. R2 and C2 should have 10-µs time constant to limit the dv/dt on VBUS pin to reduce inrush
current when adapter hot plug in. R1 has high inrush current. R1 package must be sized enough to handle
inrush current power loss according to resistor manufacturer’s data sheet. The filter components' value always
need to be verified with real application and minor adjustments may need to fit in the real application circuit.
R1(2010)
2W
C1
2.2 F
m
D1
C2
0.47-1 F
m
R2(0805)
1W
Adapter
connector
VBUS pin
Figure 9-2. Input Filter
9.2.2.2 ACP-ACN Input Filter
The BQ25730 has average current mode control. The input current sensing through ACP/ACN is critical to
recover inductor current ripple. Parasitic inductance on board will generate high frequency ringing on ACP-
ACN which overwhelms converter sensed inductor current information. It is also difficult to manage parasitic
inductance created based on different PCB layout. Larger parasitic inductance will generate larger sense current
ringing which could cause the average current control loop to go into oscillation. Therefore ACP-ACN sensing
information need to be conditioned.
For real system board condition, we suggest using below circuit design to get best result and filter noise induced
from different PCB parasitic factor. With time constant of filter from 47 ns to 200 ns, the filter is effective and the
delay of on the sensed signal is small, therefore there is no concern for average current mode control. If 400-kHz
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
88
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com