Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 84 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 84 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 80Page - Texas Instruments BQ25713 Datasheet HTML 81Page - Texas Instruments BQ25713 Datasheet HTML 82Page - Texas Instruments BQ25713 Datasheet HTML 83Page - Texas Instruments BQ25713 Datasheet HTML 84Page - Texas Instruments BQ25713 Datasheet HTML 85Page - Texas Instruments BQ25713 Datasheet HTML 86Page - Texas Instruments BQ25713 Datasheet HTML 87Page - Texas Instruments BQ25713 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 111 page
background image
8.6.23 IIN_HOST Register (I2C address = 0F/0Eh) [reset = 2000h]
To set the nominal or typical input current limit based on the adapter rated current. Write a 7-bit IIN_HOST
register command using the data format listed below.
When using a 10-mΩ sense resistor (RSNS_RAC=0b), the charger provides a nominal input-current limit range
of 50 mA to 6350 mA, with 50-mA resolution. The upper boundary is implemented through DAC clamp, writing
value higher than limitation will be neglected. The lower boundary is implemented through 50-mA offset at code
0. Note this offset is only applied to code 0, not applied to other codes. The default nominal input current limit is
3.25 A. Upon adapter removal, the input current limit is reset to the default value of 3.25 A.
When using a 5-mΩ sense resistor (RSNS_RAC=1b) referring to Section 8.3.5, the input-current limit range can
be found under certain IADPT pin, EN_FAST_5MOHM bit status. The lower boundary is implemented through
100-mA offset at code 0. Note this offset is only applied to code 0, not applied to other codes. The default current
limit is 3.2 A. Due to the USB current setting requirement, the register setting specifies the maximum current
instead of the typical current. Upon adapter removal, the nominal input current limit is reset to the default value
of 3.2 A.
To set the maximum input current limit based on adapter rated current. Additional 100-mA (10-mΩ sense
resistor)/200-mA (5-mΩ sense resistor) offset should be added based on above nominal input current limit to
obtain the maximum input current limit.
The ACP and ACN pins are used to sense RAC with the default value of 5 mΩ. For a 10-mΩ sense resistor, a
larger sense voltage is given and a better regulation accuracy, but at the cost of higher conduction loss.
Instead of using the internal IIN_DPM loop, the user can build up an external input current regulation loop and
have the feedback signal on the ILIM_HIZ pin.
In order to disable ILIM_HIZ pin, the host can write EN_EXTILIM=0b to disable ILIM_HIZ pin, or pull ILIM_HIZ
pin above 4.0 V.
Figure 8-38. IIN_HOST Register (I2C address = 0F/0Eh) [reset = 4100h]
7
6
5
4
3
2
1
0
Reserved
Input Current
set by host, bit
6
Input Current
set by host, bit
5
Input Current
set by host, bit
4
Input Current
set by host, bit
3
Input Current
set by host, bit
2
Input Current
set by host, bit
1
Input Current
set by host, bit
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Reserved
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-52. IIN_HOST Register With 5-mΩ Sense Resistor (I2C address = 0Fh) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Reserved
R/W
0b
Not used. 1 = invalid write.
6
Input Current set by host, bit 6
R/W
0b
0 = Adds 0 mA of input current.
1 = Adds 6400 mA of input current.
5
Input Current set by host, bit 5
R/W
1b
0 = Adds 0 mA of input current.
1 = Adds 3200 mA of input current.
4
Input Current set by host, bit 4
R/W
0b
0 = Adds 0 mA of input current.
1 = Adds 1600 mA of input current.
3
Input Current set by host, bit 3
R/W
0b
0 = Adds 0 mA of input current.
1 = Adds 800 mA of input current.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
84
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com