Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 79 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 79 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 75Page - Texas Instruments BQ25713 Datasheet HTML 76Page - Texas Instruments BQ25713 Datasheet HTML 77Page - Texas Instruments BQ25713 Datasheet HTML 78Page - Texas Instruments BQ25713 Datasheet HTML 79Page - Texas Instruments BQ25713 Datasheet HTML 80Page - Texas Instruments BQ25713 Datasheet HTML 81Page - Texas Instruments BQ25713 Datasheet HTML 82Page - Texas Instruments BQ25713 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
8.6.19 OTGVoltage Register (I2C address = 07/06h) [reset = 09C4h]
To set the OTG output voltage limit, write to REG0x07/06h() using the data format listed in Figure 8-34, Table
8-44, and Table 8-45.
The DAC is clamped in digital core at minimal 3 V and maximum 24.0 V during normal OTG operation. Any
register writing lower than the minimal or higher than the maximum will be ignored.
Figure 8-34. OTGVoltage Register (I2C address = 07/06h) [reset = 09C4h]
7
6
5
4
3
2
1
0
Reserved
OTG Voltage,
bit 11
OTG Voltage,
bit 10
OTG Voltage,
bit 9
OTG Voltage,
bit 8
OTG Voltage,
bit 7
OTG Voltage,
bit 6
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
OTG Voltage,
bit 5
OTG Voltage,
bit 4
OTG Voltage,
bit 3
OTG Voltage,
bit 2
OTG Voltage,
bit 1
OTG Voltage,
bit 0
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-44. OTGVoltage Register (I2C address = 07h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-14
Reserved
R/W
00b
Not used. 1 = invalid write.
13
OTG Voltage, bit 11
R/W
0b
0 = Adds 0 mV of OTG voltage.
1 = Adds 16384 mV of OTG voltage.
12
OTG Voltage, bit 10
R/W
0b
0 = Adds 0 mV of OTG voltage.
1 = Adds 8192 mV of OTG voltage.
11
OTG Voltage, bit 9
R/W
1b
0 = Adds 0 mV of OTG voltage.
1 = Adds 4096 mV of OTG voltage.
10
OTG Voltage, bit 8
R/W
0b
0 = Adds 0 mV of OTG voltage.
1 = Adds 2048 mV of OTG voltage.
9
OTG Voltage, bit 7
R/W
0b
0 = Adds 0 mV of OTG voltage.
1 = Adds 1024 mV of OTG voltage.
8
OTG Voltage, bit 6
R/W
1b
0 = Adds 0 mV of OTG voltage.
1 = Adds 512 mV of OTG voltage.
Table 8-45. OTGVoltage Register (I2C address = 06h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
OTG Voltage, bit 5
R/W
1b
0 = Adds 0 mV of OTG voltage.
1 = Adds 256 mV of OTG voltage.
6
OTG Voltage, bit 4
R/W
1b
0 = Adds 0 mV of OTG voltage.
1 = Adds 128 mV of OTG voltage.
5
OTG Voltage, bit 3
R/W
0b
0 = Adds 0 mV of OTG voltage.
1 = Adds 64 mV of OTG voltage.
4
OTG Voltage, bit 2
R/W
0b
0 = Adds 0 mV of OTG voltage.
1 = Adds 32 mV of OTG voltage.
3
OTG Voltage, bit 1
R/W
0b
0 = Adds 0 mV of OTG voltage.
1 = Adds 16 mV of OTG voltage.
2
OTG Voltage, bit 0
R/W
1b
0 = Adds 0 mV of OTG voltage.
1 = Adds 8 mV of OTG voltage.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com