Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 92 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 92 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 88Page - Texas Instruments BQ25713 Datasheet HTML 89Page - Texas Instruments BQ25713 Datasheet HTML 90Page - Texas Instruments BQ25713 Datasheet HTML 91Page - Texas Instruments BQ25713 Datasheet HTML 92Page - Texas Instruments BQ25713 Datasheet HTML 93Page - Texas Instruments BQ25713 Datasheet HTML 94Page - Texas Instruments BQ25713 Datasheet HTML 95Page - Texas Instruments BQ25713 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
To calculate top MOSFET gate drive loss (PGate_top):
PGate_top =VIN· QGate_top · fS
(17)
• QGate_top is the top MOSFET gate charge which can be found in MOSFET datasheet;
• Note here VIN is used instead of real gate drive voltage 6 V because, the gate drive 6 V is generated based
on LDO from VIN under buck mode, the total gate drive related loss are all considered when VIN is used for
gate drive loss calculation .
The bottom-side MOSFET loss also includes conduction loss and switching loss:
Pbottom =Pcon_bottom+Psw_bottom
(18)
Pcon_bottom =(1 - D) · IL_RMS 2 · RDS(on)_bottom;
(19)
Psw_bottom =PRR_bottom+PDead_bottom+PGate_bottom;
(20)
The first item Pcon_bottom represents the conduction loss which is straight forward. The second term Psw_bottom
represents the multiple switching loss items in bottom MOSFET including reverse recovery losses (PRR_bottom),
Dead time body diode conduction loss (PDead_bottom) and gate drive loss (PGate_bottom). The detail calculation can
be found below:
PRR_bottom=VIN · Qrr · fS
(21)
• Qrr is the bottom MOSFET reverse recovery charge which can be found in MOSFET data sheet;
PDead_bottom=VF · Ivalley · fS · tdead_rise+VF · Ipeak · fS · tdead_fall
(22)
• VF is the body diode forward conduction voltage drop;
• tdead_rise is the SW rising edge deadtime between top and bottom MOSFETs which is around 40 ns;
• tdead_fall is the SW falling edge deadtime between top and bottom MOSFETs which is around 30 ns;
PGate_bottom can follow the same method as top MOSFET gate drive loss calculation approach refer to Equation
17.
P-channel MOSFETs is used for battery charging BATFET. The gate drivers are internally integrated into the IC
with 10 V of gate drive voltage. 20 V or higher voltage rating MOSFETs are preferred for 1- to 4-cell battery
application, 30 V or higher voltage rating MOSFETs are preferred for 5-cell battery application, the Ciss of
P-channel MOSFET should be chosen less than 5 nF.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
92
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com