Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 2Page - Texas Instruments BQ25713 Datasheet HTML 3Page - Texas Instruments BQ25713 Datasheet HTML 4Page - Texas Instruments BQ25713 Datasheet HTML 5Page - Texas Instruments BQ25713 Datasheet HTML 6Page - Texas Instruments BQ25713 Datasheet HTML 7Page - Texas Instruments BQ25713 Datasheet HTML 8Page - Texas Instruments BQ25713 Datasheet HTML 9Page - Texas Instruments BQ25713 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
Table 6-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
CHRG_OK
4
O
Open drain active high indicator to inform the system good power source is connected to
the charger input. Connect to the pullup rail via 10-kΩ resistor. When VBUS rises above 3.5
V and falls below 25.8 V, CHRG_OK is HIGH after 50-ms deglitch time. When VBUS falls
below 3.2 V or rises above 26.8 V, CHRG_OK is LOW. When one of SYSOVP, SYSUVP,
ACOC, TSHUT, BATOVP, BATOC or force converter off faults occurs, CHRG_OK is asserted
LOW.
CMPIN
14
I
Input of independent comparator. The independent comparator compares the voltage
sensed on CMPIN pin with internal reference, and its output is on CMPOUT pin. Internal
reference, output polarity and deglitch time is selectable by the I2C host. With polarity HIGH
(CMP_POL = 1b), place a resistor between CMPIN and CMPOUT to program hysteresis.
With polarity LOW (CMP_POL = 0b), the internal hysteresis is 100 mV. If the independent
comparator is not in use, tie CMPIN to ground.
CMPOUT
15
O
Open-drain output of independent comparator. Place a pullup resistor from CMPOUT to
pullup supply rail. Internal reference, output polarity and deglitch time are selectable by the
I2C host. If the independent comparator is not in use, float CMPOUT pin.
COMP2
17
I
Buck boost converter compensation pin 2. Refer to Section 8.3.12 for COMP2 pin RC
network.
COMP1
16
I
Buck boost converter compensation pin 1. Refer to Section 8.3.12 for COMP1 pin RC
network.
OTG/VAP/FRS
5
I
Active HIGH to enable OTG or FRS modes. 1) When OTG_VAP_MODE=1b and
EN_OTG=1b, pulling high this pin can enable OTG mode. 2) When OTG_VAP_MODE=1b
and EN_FRS=1b, pulling high this pin can enable FRS mode in forward operation.
HIDRV1
31
O
Buck mode high-side power MOSFET (Q1) driver. Connect to high-side n-channel MOSFET
gate.
HIDRV2
24
O
Boost mode high-side power MOSFET(Q4) driver. Connect to high-side n-channel MOSFET
gate.
IADPT
8
O
The adapter current monitoring output pin. VIADPT = 20 or 40 × (VACP – VACN) with ratio
selectable through IADPT_GAIN bit. This pin is also used to program the inductance used in
the application. Refer to Section 8.3.11 for selecting resistor from the IADPT pin to ground .
For a 4.7-µH inductance, the resistor is 191-kΩ or 187-kΩ standard value. Place a 100-pF
or less ceramic decoupling capacitor from IADPT pin to ground. IADPT output voltage is
clamped below 3.3 V.
IBAT
9
O
The battery current monitoring output pin. VIBAT = 8 or 16 × (VSRP – VSRN) for charge
current, or VIBAT = 8 or 16 × (VSRN – VSRP) for discharge current, with ratio selectable
through IBAT_GAIN bit. Place a 100-pF or less ceramic decoupling capacitor from IBAT pin
to ground. This pin can be floating if not in use. Its output voltage is clamped below 3.3 V.
ILIM_HIZ
6
I
Input current limit setting pin. Program ILIM_HIZ voltage by connecting a resistor divider
from VDDA rail to ground. The pin voltage is calculated as: V(ILIM_HIZ) = 1 V + 40 × IDPM ×
Rac, in which IDPM is the target input current limit.
When EN_EXTILIM = 1b the input current limit used by the charger is the lower setting of
ILIM_HIZ pin and IIN_HOST register. When EN_EXTILIM = 0b input current limit is only
determined by IIN_HOST register.
When the pin voltage is below 0.4 V, the device enters high impedance (HIZ) mode with
low quiescent current. When the pin voltage is above 0.8 V, the device is out of HIZ mode.
The ILIM_HIZ pin voltage is continuous read and used for updating current limit setting (If
EN_EXTILIM=1b ), this allows dynamic change input current limit setting by adjusting this pin
voltage.
LODRV1
29
O
Buck mode low side power MOSFET (Q2) driver. Connect to low side n-channel MOSFET
gate.
LODRV2
26
O
Boost mode low side power MOSFET (Q3) driver. Connect to low side n-channel MOSFET
gate.
PGND
27
GND
Device power ground.
PROCHOT
11
O
Active low open drain output indicator. It monitors adapter input current, battery discharge
current, and system voltage. After any event in the PROCHOT profile is triggered, a pulse is
asserted. The minimum pulse width is adjustable through PROCHOT_WIDTH bits.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com