Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 30 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 30 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 26Page - Texas Instruments BQ25713 Datasheet HTML 27Page - Texas Instruments BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
8.3.8 Device HIZ State
When input source is present, the charger can enter HIZ mode (converter shuts off) when ILIM_HIZ pin voltage
is below 0.4 V or EN_HIZ is set to 1b. The charger is in the low quiescent current mode with REGN LDO
enabled, ADC circuits are disactivated to reduce quiescent current. In order to exit HIZ mode, ILIM_HIZ pin
voltage has to be higher than 0.8 V and EN_HIZ bit has to be set to 0b.
8.3.9 USB On-The-Go (OTG)
The device supports USB OTG operation to deliver power from the battery to other portable devices through
USB port. The OTG mode output voltage is set in OTGVoltage register REG0x07/06() with 8-mV LSB range
from 3.0 V to 24 V. The OTG mode output current is set in OTGCurrent register REG0x09() with 100-mA LSB
range from 0 A to 12.7 A under 5-mΩ input current sensing. Both OTG voltage and OTG current are qualified for
USB-C™ programed power supply (PPS) specification in terms of resolution and accuracy. The OTG mode can
be enabled following below steps:
• Set target OTG current limit in OTGCurrent register, VBUS is below VVBUS_CONVENZ.
• Set OTG_VAP_MODE = 1b and EN_OTG = 1b.
• OTG/VAP/FRS pin is pulled high.
• 15 ms after the above conditions are valid, converter starts and VBUS ramps up to target voltage. CHRG_OK
pin goes HIGH if OTG_ON_CHRGOK= 1b.
OTG/VAP/FRS pin is used as multi-function to enable OTG and FRS mode.
8.3.10 Converter Operation
The charger operates in buck, buck-boost and boost mode under different VBUS and VSYS combination. The
buck-boost can operate seamlessly across the three operation modes. The 4 main switches operating status
under continuous conduction mode (CCM) are listed below for reference.
Table 8-3. MOSFET Operation
MODE
BUCK
BUCK-BOOST
BOOST
Q1
Switching
Switching
ON
Q2
Switching
Switching
OFF
Q3
OFF
Switching
Switching
Q4
ON
Switching
Switching
8.3.11 Inductance Detection Through IADPT Pin
The charger reads both converter operation frequency and the inductance value through the resistance tied to
IADPT pin before the converter starts up. The resistances recommended for 2.2-μH (800 kHz), 3.3-μH (800 kHz)
and 4.7-μH (400 kHz) inductance refers to Table 8-4. A surface mount chip resistor with ±3% or better tolerance
must to be used for an accurate inductance detection.
Table 8-4. Inductor Detection through IADPT Resistance
INDUCTOR IN USE
RESISTOR ON IADPT PIN
2.2 µH (recommended for 800 kHz)
137 kΩ or 140 kΩ
3.3 µH (recommended for 800 kHz)
169 kΩ
4.7 µH (recommended for 400 kHz)
191 kΩ or 187 kΩ
8.3.12 Converter Compensation
The charger employs two compensation pins COMP1 and COMP2 for converter compensation purpose,
appropriate RC network is needed to guarantee converter steady state and transient operation. Under different
operation frequency corresponding RC network value needs to be configured respectively as shown in below
table. The definition of these RC components can be referred to Figure 8-2. It is not recommended to change the
compensation network value due to the complexity of various operation modes.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com