Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 46 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 46 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 42Page - Texas Instruments BQ25713 Datasheet HTML 43Page - Texas Instruments BQ25713 Datasheet HTML 44Page - Texas Instruments BQ25713 Datasheet HTML 45Page - Texas Instruments BQ25713 Datasheet HTML 46Page - Texas Instruments BQ25713 Datasheet HTML 47Page - Texas Instruments BQ25713 Datasheet HTML 48Page - Texas Instruments BQ25713 Datasheet HTML 49Page - Texas Instruments BQ25713 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
8.6.1 ChargeOption0 Register (I2C address = 01/00h) [reset = E70Eh]
Figure 8-16. ChargeOption0 Register (I2C address = 01/00h) [reset = E70Eh]
7
6
5
4
3
2
1
0
EN_LWPWR
WDTMR_ADJ
IIN_DPM_AUT
O_DISABLE
OTG_ON_CH
RGOK
EN_OOA
PWM_FREQ
LOW_PTM_RIP
PLE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
EN_CMP_LAT
CH
VSYS_UVP_E
NZ
EN_LEARN
IADPT_GAIN
IBAT_GAIN
EN_LDO
EN_IIN_DPM
CHRG_INHIBIT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-8. ChargeOption0 Register (I2C address = 01h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
EN_LWPWR
R/W
1b
Low Power Mode Enable, under low power mode lowest quiescent current is
achieved when only battery exist. It is not recommended to enable low power
mode when adapter present.
0b: Disable Low Power Mode. Device in performance mode with battery only.
The PROCHOT, current/power monitor buffer and comparator follow register
setting.
1b: Enable Low Power Mode. Device in low power mode with battery only
for lowest quiescent current. The REGN is off. The PROCHOT, discharge
current monitor buffer, power monitor buffer and independent comparator are
disabled. ADC is not available in Low Power Mode. Independent comparator
and its low power mode PROCHOT profile can be enabled by setting
EN_PROCHOT_LPWR bit to 1b. <default at POR>
6-5
WDTMR_ADJ
R/W
11b
WATCHDOG Timer Adjust
Set maximum delay between consecutive Host write of charge voltage or
charge current command.
If device does not receive a write on the REG0x04() or the REG0x02()
within the watchdog time period, the charger will be suspended by setting
the REG0x02() to 0 mA.
After expiration, the timer will resume upon the write of REG0x02(),
REG0x04() or REG0x00[14:13].
00b: Disable Watchdog Timer
01b: Enabled, 5 sec
10b: Enabled, 88 sec
11b: Enable Watchdog Timer, 175 sec <default at POR>
4
IIN_DPM_AUTO_DISAB
LE
R/W
0b
IIN_DPM Auto Disable
When CELL_BATPRESZ pin is LOW, the charger automatically disables the
IIN_DPM function by setting EN_IIN_DPM (REG0x00[1]) to 0. The host can
enable IIN_DPM function later by writing EN_IIN_DPM bit (REG0x00[1]) to 1.
0b: Disable this function. IIN_DPM is not disabled when CELL_BATPRESZ
goes LOW. <default at POR>
1b: Enable this function. IIN_DPM is disabled when CELL_BATPRESZ goes
LOW.
3
OTG_ON_CHRGOK
R/W
0b
Add OTG to CHRG_OK
Drive CHRG_OK to HIGH when the device is in OTG mode.
0b: Disable <default at POR>
1b: Enable
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com