Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 5Page - Texas Instruments BQ25713 Datasheet HTML 6Page - Texas Instruments BQ25713 Datasheet HTML 7Page - Texas Instruments BQ25713 Datasheet HTML 8Page - Texas Instruments BQ25713 Datasheet HTML 9Page - Texas Instruments BQ25713 Datasheet HTML 10Page - Texas Instruments BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
7.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Temperature
Junction temperature range, TJ
–20
125
°C
Storage temperature, Tstg
–20
85
7.4 Thermal Information
THERMAL METRIC(1)
BQ25730
UNIT
RSN (WQFN)
32 PINS
RθJA
Junction-to-ambient thermal resistance (JEDEC(1))
37.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.1
°C/W
RθJB
Junction-to-board thermal resistance
7.8
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
7.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics(BQ25730)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VINPUT_OP
Input voltage
operating range
3.5
26
V
MAX SYSTEM VOLTAGE REGULATION
VSYSMAX_RNG
System Voltage
Regulation, measured
on VSYS (charge
disabled)
1.024
23.15
V
VSYSMAX_ACC
System voltage
regulation accuracy
(charge disabled and
OOA disabled)
REG0x05/04() = 0x5208H (21.000 V)
VSRN +
150 mV
V
–2%
2%
VSYSMAX_ACC
System voltage
regulation accuracy
(charge disabled and
EN_OOA=0b)
REG0x05/04() = 0x41A0H (16.800 V)
VSRN +
150 mV
V
–2%
2%
REG0x05/04() = 0x3138H (12.600 V)
VSRN +
150 mV
V
–2%
2%
REG0x05/04() = 0x20D0H (8.400 V)
VSRN +
150 mV
V
–3%
3%
REG0x05/04() = 0x1068H (4.200 V)
VSRN +
150 mV
V
–3%
3%
MINIMUM SYSTEM VOLTAGE REGULATION
VSYS_MIN_RNG
System Voltage
Regulation, measured
on VSYS
1.00
23.00
V
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com