Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 91 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 91 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 87Page - Texas Instruments BQ25713 Datasheet HTML 88Page - Texas Instruments BQ25713 Datasheet HTML 89Page - Texas Instruments BQ25713 Datasheet HTML 90Page - Texas Instruments BQ25713 Datasheet HTML 91Page - Texas Instruments BQ25713 Datasheet HTML 92Page - Texas Instruments BQ25713 Datasheet HTML 93Page - Texas Instruments BQ25713 Datasheet HTML 94Page - Texas Instruments BQ25713 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
FOMtop = RDS(on) · QGD; FOMbottom = RDS(on) · QG
(5)
The lower the FOM value, the lower the total power loss. Usually lower RDS(ON) has higher cost with the same
package size.
The top-side MOSFET loss includes conduction loss and switching loss. Taking buck mode operation as
an example the power loss is a function of duty cycle (D=VOUT/VIN), charging current (ICHG), MOSFET's on-
resistance (RDS(ON)_top), input voltage (VIN), switching frequency (fS), turn-on time (ton) and turn-off time (toff):
Ptop =Pcon_top+Psw_top
(6)
Pcon_top =D · IL_RMS 2 · RDS(on)_top;
(7)
IL_RMS 2=IL_DC 2+Iripple 2/12
(8)
• IL_DC is the average inductor DC current under buck mode;
• Iripple is the inductor current ripple peak-to-peak value;
Psw_top =PIV_top+PQoss_top+PGate_top;
(9)
The first item Pcon_top represents the conduction loss which is straight forward. The second term Psw_top
represents the multiple switching loss items in top MOSFET including voltage and current overlap losses
(PIV_top), MOSFET parasitic output capacitance loss (PQoss_top) and gate drive loss (PGate_top). To calculate
voltage and current overlap losses (PIV_top):
PIV_top =0.5x VIN · Ivalley · ton· fS+0.5x VIN · Ipeak · toff · fS
(10)
Ivalley =IL_DC- 0.5 · Iripple (inductor current valley value);
(11)
Ipeak =IL_DC+ 0.5 · Iripple (inductor current peak value);
(12)
• ton is the MOSFET turn-on time that VDS falling time from VIN to almost zero (MOSFET turn on conduction
voltage);
• toff is the MOSFET turn-off time that IDS falling time from Ipeak to zero;
The MOSFET turn-on and turn-off times are given by:
SW
SW
on
off
on
off
Q
Q
t
=
, t
=
I
I
(13)
where Qsw is the switching charge, Ion is the turn-on gate driving current, and Ioff is the turn-off gate driving
current. If the switching charge is not given in MOSFET datasheet, it can be estimated by gate-to-drain charge
(QGD) and gate-to-source charge (QGS):
Qsw =QGD+QGS
(14)
Gate driving current can be estimated by REGN voltage (VREGN), MOSFET plateau voltage (Vplt), total turn-on
gate resistance (Ron), and turn-off gate resistance (Roff) of the gate driver:
REGN
plt
plt
on
off
on
off
V
- V
V
I
=
, I
=
R
R
(15)
To calculate top MOSFET parasitic output capacitance loss (PQoss_top):
PQoss_top =0.5 · VIN· Qoss · fS
(16)
• Qoss is the MOSFET parasitic output charge which can be found in MOSFET datasheet;
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com