Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 83 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 83 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 79Page - Texas Instruments BQ25713 Datasheet HTML 80Page - Texas Instruments BQ25713 Datasheet HTML 81Page - Texas Instruments BQ25713 Datasheet HTML 82Page - Texas Instruments BQ25713 Datasheet HTML 83Page - Texas Instruments BQ25713 Datasheet HTML 84Page - Texas Instruments BQ25713 Datasheet HTML 85Page - Texas Instruments BQ25713 Datasheet HTML 86Page - Texas Instruments BQ25713 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
8.6.22 VSYS_MIN Register (I2C address = 0D/0Ch) [reset value based on CELL_BATPRESZ pin setting]
To set the minimum system voltage, write a 16-bit VSYS_MIN register command (REG0x0D/0C()) using the data
format listed in Figure 8-37, Table 8-50 , and Table 8-51 . The charger provides minimum system voltage range
from 1.0V to 23.0V, with 100-mV step resolution. Any write below 1.0V or above 23.0V is ignored. Upon POR,
the VSYS_MIN register is 3.6 V for 1 S, 6.6V for 2 S and 9.2 V for 3 S, and 12.3 V for 4 S, and 15.4 V for 5S.
Writing VSYS_MIN to 0 will set it to the default value based on CELL_BATPRESZ pin.
Figure 8-37. VSYS_MIN Register (I2C address = 0D/0Ch) [reset value based on CELL_BATPRESZ pin
setting]
7
6
5
4
3
2
1
0
VSYS_MIN, bit
7
VSYS_MIN, bit
6
VSYS_MIN, bit
5
VSYS_MIN, bit
4
VSYS_MIN, bit
3
VSYS_MIN, bit
2
VSYS_MIN, bit
1
VSYS_MIN, bit
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Reserved
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-50. VSYS_MIN Register (I2C address = 0Dh) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Min System Voltage, bit 7
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 12800 mV of system voltage.
6
Min System Voltage, bit 6
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 6400mV of system voltage.
5
Min System Voltage, bit 5
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 3200 mV of system voltage.
4
Min System Voltage, bit 4
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 1600 mV of system voltage.
3
Min System Voltage, bit 3
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 800 mV of system voltage.
2
Min System Voltage, bit 2
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 400 mV of system voltage.
1
Min System Voltage, bit 1
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 200 mV of system voltage.
0
Min System Voltage, bit 0
R/W
0b
0 = Adds 0 mV of system voltage.
1 = Adds 100 mV of system voltage.
Table 8-51. VSYS_MIN Register (I2C address = 0Ch) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-0
Reserved
R/W
00000000
b
Not used. Value Ignored.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com