Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 68 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 68 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 64Page - Texas Instruments BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments BQ25713 Datasheet HTML 67Page - Texas Instruments BQ25713 Datasheet HTML 68Page - Texas Instruments BQ25713 Datasheet HTML 69Page - Texas Instruments BQ25713 Datasheet HTML 70Page - Texas Instruments BQ25713 Datasheet HTML 71Page - Texas Instruments BQ25713 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 111 page
background image
Table 8-32. ChargeOption3 Register (I2C address = 35h) Field Descriptions (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
0
EN_OTG_BIGCAP
R/W
0b
Enable OTG compensation for VBUS effective capacitance larger than 33
μF
0b: Disable OTG large VBUS capacitance compensation (Recommended
for VBUS effective capacitance smaller than 33 μF) <default at POR>
1b: Enable OTG large VBUS capacitance compensation (Recommended
for VBUS effective capacitance larger than 33 μF)
Table 8-33. ChargeOption3 Register (I2C address = 34h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
BATFET_ENZ
R/W
0b
Turn off BATFET under battery only mode. If charger is not in battery only
mode this bit is not allowed to be written to 1. Under battery only OTG
mode, this bit is forced to be 0b.
0b: Not force turn off BATFET <default at POR>
1b: Force turn off BATFET
6
EN_VBUS_VAP
R/W
0b
Enable the VBUS VAP for VAP operation mode 2&3
0b: Disabled <default at POR>
1b: Enabled
5
OTG_VAP_MODE
R/W
1b
The selection of the external OTG/VAP/FRS pin control. Don't
recommend to change pin control after OTG/VAP/FRS pin is pulled high.
0b: the external OTG/VAP/FRS pin controls the EN/DIS VAP mode
1b: the external OTG/VAP/FRS pin controls the EN/DIS OTG mode
<default at POR>
4-3
IL_AVG
R/W
10b
Converter inductor average current clamp. It is recommended to choose
the smallest option which is higher than maximum possible converter
average inductor current.
00b: 6A
01b: 10A
10b: 15A <default at POR>
11b: Disabled
2
CMP_EN
R/W
1b
Enable Independent Comparator with effective low.
0b: Disabled
1b: Enabled <default at POR>
1
BATFETOFF_HIZ
R/W
0b
Control BATFET on/off during charger HIZ mode.
0b: BATFET on during charger HIZ mode <default at POR>
1b: BATFET off during charger HIZ mode
0
PSYS_OTG_IDCHG
R/W
0b
PSYS function during OTG mode.
0b: PSYS as battery discharge power minus OTG output power <default
at POR>
1b: PSYS as battery discharge power only
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
68
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com