Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 73 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 73 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 69Page - Texas Instruments BQ25713 Datasheet HTML 70Page - Texas Instruments BQ25713 Datasheet HTML 71Page - Texas Instruments BQ25713 Datasheet HTML 72Page - Texas Instruments BQ25713 Datasheet HTML 73Page - Texas Instruments BQ25713 Datasheet HTML 74Page - Texas Instruments BQ25713 Datasheet HTML 75Page - Texas Instruments BQ25713 Datasheet HTML 76Page - Texas Instruments BQ25713 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
8.6.16 ADCOption Register (I2C address = 3B/3Ah) [reset = 2000h]
Figure 8-31. ADCOption Register (I2C address = 3B/3Ah) [reset = 2000h]
7
6
5
4
3
2
1
0
ADC_CONV
ADC_START
ADC_FULLSCA
LE
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
EN_ADC_CMPI
N
EN_ADC_VBU
S
EN_ADC_PSY
S
EN_ADC_IIN
EN_ADC_IDCH
G
EN_ADC_ICHG EN_ADC_VSY
S
EN_ADC_VBAT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
The ADC registers are read in the following order: VBAT, VSYS, ICHG, IDCHG, IIN, PSYS, VBUS, CMPIN. ADC
is disabled in low power mode. Before enabling ADC, low power mode should be disabled first.
Table 8-38. ADCOption Register (I2C address = 3Bh) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
ADC_CONV
R/W
0b
Typical each ADC channel conversion time is 25 ms maximum. Total ADC
conversion time is the product of 25 ms and enabled channel counts.
0b: One-shot update. Do one set of conversion updates to registers
REG0x29/28(), REG0x27/26(), REG0x2B/2A(), and REG0x2D/2C() after
ADC_START = 1.
1b: Continuous update. Do a set of conversion updates to registers
REG0x29/28(), REG0x27/26(), REG0x2B/2A(), and REG0x2D/2C()every 1
sec.
6
ADC_START
R/W
0b
0b: No ADC conversion
1b: Start ADC conversion. After the one-shot update is complete, this bit
automatically resets to zero
5
ADC_FULLSCALE
R/W
1b
ADC input voltage range adjustment for PSYS and CMPIN ADC Channels.
2.04-V full scale holds 8 mV/LSB resolution and 3.06-V full scale holds 12
mV/LSB resolution
0b: 2.04 V
1b: 3.06 V <default at POR>(Not accurate for REGN<6-V application (VBUS
& VSYS< 6V))
4-0
Reserved
R/W
00000b
Reserved
Table 8-39. ADCOption Register (I2C address = 3Ah) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
EN_ADC_CMPIN
R/W
0b
0b: Disable <default at POR>
1b: Enable
6
EN_ADC_VBUS
R/W
0b
0b: Disable <default at POR>
1b: Enable
5
EN_ADC_PSYS
R/W
0b
0b: Disable <default at POR>
1b: Enable
4
EN_ADC_IIN
R/W
0b
0b: Disable <default at POR>
1b: Enable
3
EN_ADC_IDCHG
R/W
0b
0b: Disable <default at POR>
1b: Enable
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com